Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1102114 Datasheet (PDF) - PHOENIX CONTACT

1102114 Datasheet PDF - PHOENIX CONTACT
Part # 1102114
Download  1102114 Download
File Size   221.5 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - PSPT 1,5/ 5-ST-3,57035

1102114 Datasheet (PDF)

Go To PDF Page Download Datasheet
1102114 Datasheet PDF - PHOENIX CONTACT

Part # 1102114
Download  1102114 Click to download

File Size   221.5 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - PSPT 1,5/ 5-ST-3,57035

1102114 Datasheet (HTML) - PHOENIX CONTACT


1102114 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light grey, nominal current: 8 A, rated
voltage (III/2): 150 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 5, number of rows: 1, number of positions: 5, number of connections: 5, product
range: PSPT 1,5/..-ST-3,5, pitch: 3.5 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, locking clip: - Locking clip, locking: without, mounting:
without, type of packaging: packed in cardboard, Color of the spring lever: orange

Your advantages
• Time saving push-in connection, tools not required
• Variable coding, for reliable protection against incorrect connection
• Push-in technology for quick and easy wiring
• High packing density with 3.5 mm pitch
• Quick and easily coded when initially connecting the connector and header
• Intuitive use through colour coded actuation lever




Similar Part No. - 1102114

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1102110 PHOENIX-1102110 Datasheet
219Kb / 9P
Printed-circuit board connector - PSPT 1,5/ 4-ST-3,57035
Nov 16, 2022
More results


Similar Description - 1102114

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1738830 PHOENIX-1738830 Datasheet
84Kb / 5P
Printed-circuit board connector - FMCD 1,5/ 5-ST-3,5
1844015 PHOENIX-1844015 Datasheet
109Kb / 4P
Printed-circuit board connector - IFMC 1,5/ 5-ST-3,5
1713868 PHOENIX-1713868 Datasheet
79Kb / 4P
Printed-circuit board connector - TVFKC 1,5/ 5-ST
1715950 PHOENIX-1715950 Datasheet
80Kb / 4P
Printed-circuit board connector - TVFKCL 1,5/ 5-ST
1772647 PHOENIX-1772647 Datasheet
213Kb / 14P
Printed-circuit board connector - TFMC 1,5/ 5-ST-3,5
1998179 PHOENIX-1998179 Datasheet
98Kb / 5P
Printed-circuit board connector - ZEC 1,5/ 5-ST-7,5C2,5R1,5NZX5
2202344 PHOENIX-2202344 Datasheet
103Kb / 7P
Printed-circuit board connector - PSPT 2,5/ 4-ST KMGY
1836105 PHOENIX-1836105 Datasheet
129Kb / 9P
Printed-circuit board connector - MC 1,5/ 5-ST-5,08
09/12/2020
1952296 PHOENIX-1952296 Datasheet
231Kb / 14P
Printed-circuit board connector - FMC 1,5/ 5-ST-3,5
09/12/2020
1102110 PHOENIX-1102110 Datasheet
219Kb / 9P
Printed-circuit board connector - PSPT 1,5/ 4-ST-3,57035
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com