Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1103440 Datasheet (PDF) - PHOENIX CONTACT

1103440 Datasheet PDF - PHOENIX CONTACT
Part # 1103440
Download  1103440 Download
File Size   2314.74 Kbytes
Page   75 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mounting base housing - ME-IO 18,8 EB 10U TBUS7035

1103440 Datasheet (PDF)

Go To PDF Page Download Datasheet
1103440 Datasheet PDF - PHOENIX CONTACT

Part # 1103440
Download  1103440 Click to download

File Size   2314.74 Kbytes
Page   75 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mounting base housing - ME-IO 18,8 EB 10U TBUS7035

1103440 Datasheet (HTML) - PHOENIX CONTACT


1103440 Product details

DIN rail housing, Lower housing part with metal foot catch, with vents, width: 18.9 mm, height:
120.6 mm, depth: 82.85 mm, color: light grey (7035), cross connection: DIN rail connector
(optional), number of positions cross connector: 5 or 8

Your advantages
• Easy, tool-free mounting
• Optional DIN rail connector for easy module-to-module communication
• Lock and Release principle for automatic latching and intuitive release of the front connection plug
• Plastic in accordance with UL94 V0: for more rigorous flammability requirements
• Versatile use: deeper design for more PCB space
• Greater flexibility: combination with ICS series electronics housing using DIN rail connectors




Similar Part No. - 1103440

ManufacturerPart #DatasheetDescription
logo
Heyco.
11034 HEYCO-11034 Datasheet
130Kb / 1P
PVC and Nylon LED Spacers
logo
TE Connectivity Ltd
1103426-1 TEC-1103426-1 Datasheet
501Kb / 3P
Circular Hybrid Connector
1103427-2 TEC-1103427-2 Datasheet
501Kb / 3P
Circular Hybrid Connector
1103428-1 TEC-1103428-1 Datasheet
501Kb / 3P
Circular Hybrid Connector
1103431-1 TEC-1103431-1 Datasheet
501Kb / 3P
Circular Hybrid Connector
More results


Similar Description - 1103440

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201962 PHOENIX-2201962 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
2202581 PHOENIX-2202581 Datasheet
55Kb / 2P
Housing cover - ME-IO 18,8 C 2U MC18 7035
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201801 PHOENIX-2201801 Datasheet
109Kb / 6P
Housing cover - ME-IO 18,8 C 3U S1 7035
09/12/2020
2201803 PHOENIX-2201803 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 5U 7035
09/12/2020
2201805 PHOENIX-2201805 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 7U 7035
09/12/2020
2201802 PHOENIX-2201802 Datasheet
139Kb / 5P
Housing cover - ME-IO 18,8 C 4U 7035
11/25/2021
2202626 PHOENIX-2202626 Datasheet
109Kb / 4P
Housing cover - ME-IO 18,8 LC 10U 7035
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com