Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1285036 Datasheet (PDF) - PHOENIX CONTACT

1285036 Datasheet PDF - PHOENIX CONTACT
Part # 1285036
Download  1285036 Download
File Size   966.08 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit - STEP3-PS/1AC/24DC/3.75/PT/LED

1285036 Datasheet (PDF)

Go To PDF Page Download Datasheet
1285036 Datasheet PDF - PHOENIX CONTACT

Part # 1285036
Download  1285036 Click to download

File Size   966.08 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit - STEP3-PS/1AC/24DC/3.75/PT/LED

1285036 Datasheet (HTML) - PHOENIX CONTACT


1285036 Product details

Primary-switched LED power supply, STEP POWER, Push-in connection, DIN rail mounting,
input: 1-phase, output: 24 V DC / 3.75 A

Product Description
STEP POWER power supplies for distribution boards. The STEP POWER power supplies with Push-in connection technology are the professional
solution for intelligent building automation. The compact devices are economical, space-saving, and flexible in application.

Your advantages
• Energy savings with the highest level of efficiency in no-load and part-load operation (Efficiency Level VI)
• Space savings in the control cabinet due to the narrow design combined with increased performance (up to 100%)
• Approval for household purposes (EN 60335) allows use in domestic applications
• Quick and easy startup with tool-free Push-in connection technology at a 45° angle with double terminal points
• Flexible mounting: Snap onto a DIN rail or screw onto a level surface




Similar Part No. - 1285036

ManufacturerPart #DatasheetDescription
logo
Heyco.
12850 HEYCO-12850 Datasheet
88Kb / 1P
Stainless Steel Cable Ties
12850 HEYCO-12850 Datasheet
89Kb / 1P
Stainless Steel Cable Ties
logo
Belden Inc.
12850 BELDEN-12850 Datasheet
354Kb / 2P
7/8" Power Single-Ended Cordset: Female, straight, 4-pin, orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²
logo
Coherent Corp
1285005 COHERENT-1285005 Datasheet
2Mb / 20P
StingRay and BioRay
logo
Heyco.
12850B HEYCO-12850B Datasheet
88Kb / 1P
Stainless Steel Cable Ties
More results


Similar Description - 1285036

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2904372 PHOENIX-2904372 Datasheet
71Kb / 5P
Power supply unit - UNO-PS/1AC/24DC/240W
1140066 PHOENIX-1140066 Datasheet
543Kb / 12P
Power supply unit - STEP3-PS/1AC/24DC/4/PT
01/13/2022
2866750 PHOENIX-2866750 Datasheet
136Kb / 11P
Power supply unit - QUINT-PS/1AC/24DC/ 5
09/12/2020
1088495 PHOENIX-1088495 Datasheet
522Kb / 18P
Power supply unit - STEP3-PS/1AC/24DC/0.63/PT
May 10, 2022
1110043 PHOENIX-1110043 Datasheet
549Kb / 17P
Power supply unit - UNO2-PS/1AC/24DC/960W
Nov 16, 2022
1170955 PHOENIX-1170955 Datasheet
503Kb / 15P
Power supply unit - STEP3-PS/1AC/12DC/5/PT
Nov 16, 2022
1170956 PHOENIX-1170956 Datasheet
503Kb / 15P
Power supply unit - STEP3-PS/1AC/15DC/4/PT
Nov 16, 2022
1278165 PHOENIX-1278165 Datasheet
994Kb / 18P
Power supply unit - TRIO-PS67/1AC/24DC/3.75/M12
Nov 16, 2022
1278301 PHOENIX-1278301 Datasheet
936Kb / 16P
Power supply unit - TRIO-PS67/1AC/24DC/3.75/IPD
Nov 16, 2022
1278302 PHOENIX-1278302 Datasheet
996Kb / 17P
Power supply unit - TRIO-PS67/1AC/24DC/3.75/INC
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com