Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1635 Datasheet (PDF) - STMicroelectronics

T1635 Datasheet PDF - STMicroelectronics
Part # T1635
Download  T1635 Download
File Size   217.96 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Snubberless™, logic level and standard 16 A Triacs

T1635 Datasheet (PDF)

Go To PDF Page Download Datasheet
T1635 Datasheet PDF - STMicroelectronics

Part # T1635
Download  T1635 Click to download

File Size   217.96 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Snubberless™, logic level and standard 16 A Triacs

T1635 Datasheet (HTML) - STMicroelectronics


T1635 Product details

Features
• Medium current Triac
• Low thermal resistance with clip bonding
• Low thermal resistance insulation ceramic for insulated BTA
• High commutation (4Q) or very high commutation (3Q, Snubberless™)
capability
• BTA series UL1557 certified (file ref: 81734)
• Packages are RoHS (2002/95/EC) compliant
• Insulated tab (BTA series, rated at 2500 VRMS)

Applications
• Snubberless versions (BTA/BTB...W and T1635) especially recommended for
use on inductive loads, because of their high commutation performances
• On/off or phase angle function in applications such as static relays, light
dimmers and appliance motor speed controllers

Description
Available either in through-hole or surface mount packages, the BTA16, BTB16 and
T1610, T1635 and T1650 Triac series are suitable for general purpose mains power
AC switching. They can be used as ON/OFF function in applications such as static
relays, heating regulation or induction motor starting circuit. They are also
recommended for phase control operations in light dimmers and appliance motors
speed controllers.
The Snubberless™ versions (W suffix and T1610, T1635, T1650) are especially
recommended for use on inductive loads, because of their high commutation
performance.
By using an internal ceramic pad, the Snubberless™ series provide an insulated tab
(rated at 2500 VRMS) complying with UL standards (file reference: E81734).




Similar Part No. - T1635

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635 STMICROELECTRONICS-T1635 Datasheet
116Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
T1635 STMICROELECTRONICS-T1635 Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
Kersemi Electronic Co.,...
T1635 KERSEMI-T1635 Datasheet
347Kb / 6P
16 A Snubberless?? logic level and standard Triacs
logo
STMicroelectronics
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
103Kb / 5P
HIGH PERFORMANCE TRIAC
May-1998
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
More results


Similar Description - T1635

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
Kersemi Electronic Co.,...
BTB16-800B KERSEMI-BTB16-800B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-700CW KERSEMI-BTB16-700CW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-700C KERSEMI-BTB16-700C Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-600BW KERSEMI-BTB16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com