Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-6366 Datasheet (PDF) - Advantech Co., Ltd.

ADAM-6366 Datasheet PDF - Advantech Co., Ltd.
Part # ADAM-6366
Download  ADAM-6366 Download
File Size   567.01 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description IoT OPC UA Ethernet I/O - AI Module

ADAM-6366 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAM-6366 Datasheet PDF - Advantech Co., Ltd.

Part # ADAM-6366
Download  ADAM-6366 Click to download

File Size   567.01 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description IoT OPC UA Ethernet I/O - AI Module

ADAM-6366 Datasheet (HTML) - Advantech Co., Ltd.


ADAM-6366 Product details

Common Specifications
General
ƒ Power input 10 ~ 30 VDC
ƒ Power Consumption 2.9 W @ 24 VDC
(ADAM-6317)
2.8 W @ 24 VDC
(ADAM-6350)
4.5 W @ 24 VDC
(ADAM-6366)
ƒ LAN port 2 x RJ-45 10/100 Mbps
ƒ Connectors 2 x RJ-45 (LAN), Plug-in
screw terminal block
(I/O and power)
ƒ Watchdog System and Communication
ƒ Protocol OPC UA, Modbus
Protection
ƒ Isolation 2,500 VDC
ƒ Power Reversal Protection
Specifications
Relay Output
ƒ Channels 6 (Form A)
ƒ Contact rating 0.25A@250VAC
2A@30VDC
ƒ Relay-on time 3 ms
ƒ Relay-off time 5 ms
ƒ Electrical endurance Resistive, 0.25A@250VAC:
at contact application 1x105 operations/min.
Resistive, 2A@30VDC:
1x105 operations/min.
ƒ Insulation Resistance 1 GΩ
Digital Input
ƒ Channels 18
ƒ Dry contact logic 0: Open
logic 1: Closed to ground
ƒ Wet contact logic 0: 0 ~ 3 VDC
logic 1: 10 ~ 30 VDC
ƒ DI12~DI17 support 3 kHz counter input
ƒ DI12~DI17 support 3 kHz frequency input
Digital Output
ƒ Channels 6
ƒ Output type Sink type, 30 VDC,
0.1A max. per channel
ƒ DO0~DO5 support 3 kHz pulse output
ADAM-6366
Specifications
Digital Input
ƒ Channels 18
ƒ Dry contact logic 0: Open
logic 1: Closed to ground
ƒ Wet contact logic 0: 0 ~ 3 VDC
logic 1: 10 ~ 30 VDC
ƒ DI12~DI17 support 3 kHz counter input
ƒ DI12~DI17 support 3 kHz frequency input
Digital Output
ƒ Channels 18
ƒ Output type Sink type, 30 VDC,
0.1A max. per channel
ƒ DO12~DO17 support 3 kHz pulse output
ADAM-6350
OPC UA
ƒ Max Monitored Items 600
(including all sessions)
ƒ Max Sessions 4 (including security or
non-security session)
ƒ Max Subscriptions per 1
Session
ƒ Support security/certificate management
Modbus/TCP
ƒ Modbus/TCP connection 4
Environment
ƒ Operating Temperature -25° C ~ 70° C
ƒ Storage Temperature -25° C ~ 85° C
ƒ Operating Humidity 20 ~ 95% RH
(non-condensing)
ƒ Storage Humidity 0 ~ 95% RH
(non-condensing)




Similar Part No. - ADAM-6366

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6366 ADVANTECH-ADAM-6366 Datasheet
567Kb / 1P
IoT OPC UA Ethernet I/O - AI Module
12-Jan-2022
ADAM-6366 ADVANTECH-ADAM-6366 Datasheet
567Kb / 1P
IoT OPC UA Ethernet I/O - AI Module
12-Jan-2022
ADAM-6366-A1 ADVANTECH-ADAM-6366-A1 Datasheet
567Kb / 1P
IoT OPC UA Ethernet I/O - AI Module
12-Jan-2022
ADAM-6366-A1 ADVANTECH-ADAM-6366-A1 Datasheet
567Kb / 1P
IoT OPC UA Ethernet I/O - AI Module
12-Jan-2022
More results


Similar Description - ADAM-6366

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-4012 ADVANTECH-WISE-4012 Datasheet
137Kb / 1P
IoT Wireless I/O Module
logo
Red Lion Controls. Inc
ET-MIX24880 REDLION-ET-MIX24880 Datasheet
612Kb / 2P
Ethernet Combination I/O Module
ET-8AI2-4AO2 REDLION-ET-8AI2-4AO2 Datasheet
516Kb / 1P
Industrial Ethernet I/O Module
ET-4RTD-4DI2 REDLION-ET-4RTD-4DI2 Datasheet
740Kb / 1P
Industrial Ethernet I/O Module
logo
Contec Co., Ltd
CPS-MCS341-DS1-111 CONTEC-CPS-MCS341-DS1-111 Datasheet
345Kb / 3P
CPU Module OPC UA
logo
Advantech Co., Ltd.
WISE-4000LAN ADVANTECH-WISE-4000LAN Datasheet
138Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
ADAM-6350 ADVANTECH-ADAM-6350 Datasheet
567Kb / 1P
IoT OPC UA Ethernet I/O - AI Module
12-Jan-2022
ADAM-6360D ADVANTECH-ADAM-6360D Datasheet
509Kb / 1P
IoT OPC UA Ethernet I/O - AI Module
3-Aug-2021
ADAM-6366 ADVANTECH-ADAM-6366 Datasheet
567Kb / 1P
IoT OPC UA Ethernet I/O - AI Module
12-Jan-2022
DS_WISE-4000LAN ADVANTECH-DS_WISE-4000LAN Datasheet
137Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com