Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1430338 Datasheet (PDF) - PHOENIX CONTACT

1430338 Datasheet PDF - PHOENIX CONTACT
Part # 1430338
Download  1430338 Download
File Size   1316.34 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DC charging cable - EV-T1HPCC-DC500A-6,0M50ECBK11

1430338 Datasheet (PDF)

Go To PDF Page Download Datasheet
1430338 Datasheet PDF - PHOENIX CONTACT

Part # 1430338
Download  1430338 Click to download

File Size   1316.34 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DC charging cable - EV-T1HPCC-DC500A-6,0M50ECBK11

1430338 Datasheet (HTML) - PHOENIX CONTACT


1430338 Product details

CHARX connect, HPC DC charging cable, with cooled vehicle charging connector and cooled
cable, for charging electric vehicles (EV) with direct current (DC), with charging connector holder,
with replaceable mating face frame, without panel feed-through, with digital temperature sensors,
HPC CCS type 1, SAE J1772, IEC 62196-3-1, 500 A / 1000 V (DC), HPC-Line,
PHOENIX CONTACT logo, cable: 6 m, black, straight

Product Description
DC charging cable with vehicle charging connector and free cable end for fast charging of electric vehicles (EV) with direct current (DC) via CCS
type 1 vehicle charging inlets, for installation at charging stations for e-mobility (EVSE)

Your advantages
• Complete product range
• The right charging cable for every application, from the carport to the charging park
• Ultra-fast HPC charging, with temporary power up to 500 kW
• Convenient handling due to the ergonomic design
• Available with your logo on request – for consistent branding of your charging station
• Developed and produced in accordance with the IATF 16949 automotive standard and ISO 9001
• Safe against overheating with temperature measurement at every DC power contact
• Additional safety thanks to integrated leakage sensors and a wear indicator in the cable sheath
• Convenient communication interfaces via CAN bus and digital output
• Maintenance-friendly replacement of the mating face frame without draining the coolant




Similar Part No. - 1430338

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1430336 PHOENIX-1430336 Datasheet
198Kb / 12P
Sensor/actuator cable - SAC-17P- 3,0-35T/FR SH SCO
09/11/2020
More results


Similar Description - 1430338

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1107049 PHOENIX-1107049 Datasheet
692Kb / 11P
DC charging cable - EV-T2M4CC-DC200A-7,0M50ESBK11
1197249 PHOENIX-1197249 Datasheet
506Kb / 13P
DC charging cable - EV-T2HPCC-DC500A-3,5M50ECBK11
1105880 PHOENIX-1105880 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC40A-5,0M10ASBK11
1236538 PHOENIX-1236538 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC40A-7,0M10ASBK11
1236561 PHOENIX-1236561 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC80A-6,0M6ASBK11
1236824 PHOENIX-1236824 Datasheet
509Kb / 9P
DC charging cable - EV-T2G4CC-DC40A-6,0M6,0ESBK11
1085641 PHOENIX-1085641 Datasheet
2Mb / 25P
DC charging cable - EV-T1HPCC-DC500A-5,0M50ECBK11S
Nov 16, 2022
1085642 PHOENIX-1085642 Datasheet
2Mb / 24P
DC charging cable - EV-T1HPCC-DC500A-5,0M50ECBK11L
Nov 16, 2022
1085658 PHOENIX-1085658 Datasheet
1Mb / 20P
DC charging cable - EV-T1HPCC-DC500A-5,0M50ECBK11
Nov 16, 2022
1089931 PHOENIX-1089931 Datasheet
2Mb / 24P
DC charging cable - EV-T1HPCC-DC500A-5,0M50ECBK11R
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com