Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTE120 Datasheet (PDF) - Tyco Electronics

RTE120 Datasheet PDF - Tyco Electronics
Part # RTE120
Download  RTE120 Download
File Size   79.57 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Poly Switch PTC DEVICES

RTE120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTE120 Datasheet PDF - Tyco Electronics

Part # RTE120
Download  RTE120 Click to download

File Size   79.57 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Poly Switch PTC DEVICES

RTE120 Datasheet (HTML) - Tyco Electronics


RTE120 Product details

PolySwitch® PTC Devices
Overcurrent Protection Device

Electrical Rating
   Voltage: 33V MAX
   Current: 40A MAX

Insulating Material:
   Cured, Flame Retarded Epoxy Polymer meets UL94 V-0 Requirements

Lead Material:
   24 AWG Tin/Lead Plated Copper Clad Steel




Similar Part No. - RTE120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTE12 VISHAY-RTE12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
More results


Similar Description - RTE120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RHE400 MACOM-RHE400 Datasheet
124Kb / 2P
Poly Switch PTC DEVICES
RHE600 MACOM-RHE600 Datasheet
114Kb / 1P
Poly Switch PTC DEVICES
RHE750 MACOM-RHE750 Datasheet
110Kb / 1P
Poly Switch PTC DEVICES
RHE1000 MACOM-RHE1000 Datasheet
134Kb / 1P
Poly Switch PTC DEVICES
RHE1500 MACOM-RHE1500 Datasheet
38Kb / 1P
Poly Switch PTC DEVICES
logo
List of Unclassifed Man...
RTE135 ETC1-RTE135 Datasheet
86Kb / 1P
Poly Switch PTC DEVICES
RUE250U ETC1-RUE250U Datasheet
18Kb / 1P
Poly Switch PTC DEVICES
logo
Tyco Electronics
RUSB155 MACOM-RUSB155 Datasheet
86Kb / 1P
Poly Switch PTC DEVICES
RXE005 MACOM-RXE005 Datasheet
89Kb / 1P
Poly Switch PTC DEVICES
RXE050 MACOM-RXE050 Datasheet
19Kb / 1P
Poly Switch PTC DEVICES
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com