Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS422 Datasheet (PDF) - Infineon Technologies AG

DPS422 Datasheet PDF - Infineon Technologies AG
Part # DPS422
Download  DPS422 Download
File Size   890.54 Kbytes
Page   46 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Digital barometric pressure & temp sensor for portable and IOT devices

DPS422 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPS422 Datasheet PDF - Infineon Technologies AG

Part # DPS422
Download  DPS422 Click to download

File Size   890.54 Kbytes
Page   46 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Digital barometric pressure & temp sensor for portable and IOT devices

DPS422 Datasheet (HTML) - Infineon Technologies AG


DPS422 Product details

Description
The DPS422 is a miniaturized digital barometric air pressure sensor with high accuracy and low current
consumption, capable of measuring both pressure and temperature. Pressure sensing is carried out using a
capacitive sensor element, guaranteeing high accuracy over temperature. The small 2.0 x 2.5 x 0.73 mm
package makes the DPS422 ideal for mobile applications and wearable devices.
The pressure and temperature sensor elements are measured by a 24-bit ΣΔ ADC. Measurement results can be
accessed over I2C or SPI, with an optional configurable interrupt and a result FIFO capable of holding 32
pressure and/or temperature measurements.
Individual calibration coefficients are generated for each unit during testing, and stored in the fuse registers.
These coefficients are used in the application to convert the measurement results to high accuracy pressure
and temperature values.

Features
• Operation range: Pressure: 300 –1200 hPa. Temperature: -40°C – +85 °C.
• Pressure sensor precision: ± 0.005 hPa (or ±5 cm) (high precision mode).
• Relative accuracy: ± 0.06 hPa (or ±50 cm)
• Absolute accuracy: ± 1 hPa (or ±8 m)
• Temperature accuracy: ± 0.4°C.
• Pressure temperature sensitivity: < 0.5Pa/K
• Measurement time: Typical: 27.6 ms for standard mode (16x). Minimum: 3.6 ms for
low precision mode.
• Average current consumption: 1.7 μA for pressure measurement, 2μA for
temperature measurement @1Hz sampling rate, Standby: <1 μA.
• Supply voltage: VDDIO: 1.2 – 3.6 V, VDD: 1.7 – 3.6 V.
• Operating modes: Command (manual), Background (automatic), and Standby.
• Calibration: Individually calibrated with coefficients for measurement correction.
• FIFO: Stores up to 32 pressure or temperature measurements. Streaming or stop-onfull
mode. Optional interrupt on full or watermark interrupt.
• Interface: I2C with optional interrupt, 4-wire SPI, 3-wire SPI with optional interrupt.
• Package dimensions: 8-pin LGA, dimensions: 2.0 x 2.5 x 0.73 mm (typ).
• Green Product (RoHS) Compliant




Similar Part No. - DPS422

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
Phase Shifter 4 Section
More results


Similar Description - DPS422

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
Barometric Pressure Sensor Module
logo
Infineon Technologies A...
DPS310 INFINEON-DPS310 Datasheet
762Kb / 41P
Digital Barometric Pressure Sensor for Portable Devices
V1.0 2016-09-05
logo
TE Connectivity Ltd
MS5637-02BA03 TEC-MS5637-02BA03 Datasheet
476Kb / 18P
Low Voltage Barometric Pressure Sensor
logo
Bosch Sensortec GmbH
BMP380 BOSCH-BMP380 Datasheet
221Kb / 2P
Digital, barometric pressure sensor
logo
Silicon Microstructures...
SM1111-EEN-S-115-001 SMI-SM1111-EEN-S-115-001 Datasheet
834Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1111-EEN-S-165-000 SMI-SM1111-EEN-S-165-000 Datasheet
812Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1131-EEN-S-165-000 SMI-SM1131-EEN-S-165-000 Datasheet
1Mb / 19P
Digital Barometric Air Pressure (BAP) Sensor
logo
Infineon Technologies A...
DPS368 INFINEON-DPS368 Datasheet
5Mb / 44P
Digital XENSIVTM barometric pressure sensor
2019-07-03
logo
Omron Electronics LLC
2SMPB-02E OMRON-2SMPB-02E Datasheet
1Mb / 24P
Digital Barometric Pressure Sensor
Copyright 2017
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com