Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4065C5 Datasheet (PDF) - Infineon Technologies AG

D4065C5 Datasheet PDF - Infineon Technologies AG
Part # D4065C5
Download  D4065C5 Download
File Size   1175.83 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SiC Silicon Carbide Diode

D4065C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
D4065C5 Datasheet PDF - Infineon Technologies AG

Part # D4065C5
Download  D4065C5 Click to download

File Size   1175.83 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SiC Silicon Carbide Diode

D4065C5 Datasheet (HTML) - Infineon Technologies AG


D4065C5 Product details

1 Description
ThinQ!™ Generation 5 represents Infineon leading edge technology for the SiC
Schottky Barrier diodes. Thanks to the more compact design and thin-wafer
technology, the new family of products shows improved efficiency over all load
conditions, resulting from both the improved thermal characteristics and a lower
figure of merit (Qc x Vf).
The new thinQ!™ Generation 5 has been designed to complement our 650V
CoolMOS™ families: this ensures meeting the most stringent application
requirements in this voltage range.

Features
 Revolutionary semiconductor material - Silicon Carbide
 Benchmark switching behavior
 No reverse recovery/ No forward recovery
 Temperature independent switching behavior
 High surge current capability
 Pb-free lead plating; RoHS compliant
 Qualified according to JEDEC1) for target applications
 Breakdown voltage tested at 88 mA2)
 Optimized for high temperature operation

Benefits
 System efficiency improvement over Si diodes
 System cost / size savings due to reduced cooling requirements
 Enabling higher frequency / increased power density solutions
 Higher system reliability due to lower operating temperatures
 Reduced EMI




Similar Part No. - D4065C5

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D4060001 PANDUIT-D4060001 Datasheet
94Kb / 1P
DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
D4060002 PANDUIT-D4060002 Datasheet
94Kb / 1P
DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
D4060003 PANDUIT-D4060003 Datasheet
94Kb / 1P
DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
logo
Fairchild Semiconductor
D4066BC FAIRCHILD-D4066BC Datasheet
111Kb / 9P
Quad Bilateral Switch
More results


Similar Description - D4065C5

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML10SIC06SMDC SEME-LAB-SML10SIC06SMDC Datasheet
452Kb / 2P
SILICON CARBIDE (SiC) SCHOTTKY DIODE
SML10SIC06Y SEME-LAB-SML10SIC06Y Datasheet
166Kb / 2P
SILICON CARBIDE (SiC) SCHOTTKY DIODE
SML10SIC06YC SEME-LAB-SML10SIC06YC Datasheet
275Kb / 4P
SILICON CARBIDE (SiC) SCHOTTKY DIODE
SML10SIC06YFIC SEME-LAB-SML10SIC06YFIC Datasheet
373Kb / 2P
DUAL SILICON CARBIDE (SiC) SCHOTTKY DIODE
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
Silicon Carbide Diode
4 May 2015
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Littelfuse
LSIC2SD065D20A LITTELFUSE-LSIC2SD065D20A Datasheet
416Kb / 7P
Silicon Carbide Schottky Diode 650 V, 20 A SiC Schottky Barrier Diode
Revised: 2/1/2021
logo
Infineon Technologies A...
IDH02G65C5 INFINEON-IDH02G65C5_V01 Datasheet
1Mb / 11P
SiC Silicon Carbide Diode
Rev. 2.2, 2012-12-10
IDW20G65C5 INFINEON-IDW20G65C5 Datasheet
1Mb / 11P
SiC Silicon Carbide Diode
Rev. 2.2, 2013-01-15
IDW30G65C5 INFINEON-IDW30G65C5 Datasheet
1Mb / 11P
SiC Silicon Carbide Diode
Rev. 2.2, 2013-01-15
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com