Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232-INSIDER Datasheet (PDF) - Littelfuse

232-INSIDER Datasheet PDF - Littelfuse
Part # 232-INSIDER
Download  232-INSIDER Download
File Size   289.6 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Single-Phase Pump Monitor

232-INSIDER Datasheet (PDF)

Go To PDF Page Download Datasheet
232-INSIDER Datasheet PDF - Littelfuse

Part # 232-INSIDER
Download  232-INSIDER Click to download

File Size   289.6 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Single-Phase Pump Monitor

232-INSIDER Datasheet (HTML) - Littelfuse


232-INSIDER Product details

Description
The Model 232-Insider single-phase PumpSaver® fits inside ¹/3, 1/2,
3/4, and 1hp, 230 V Grundfos* control boxes manufactured prior to
mid 2014. The PumpSaver® Model 232-Insider is a current monitor
designed to protect single-phase pumps from dry-well, deadhead,
jammed impeller, overvoltage and undervoltage conditions.
Typical applications include residential water wells, commercial
water wells, irrigation wells, and golf course systems.
A calibration adjustment allows the 232-Insider to be calibrated
to your specific pumping application, thereby reducing the
possibility of false or nuisance tripping. A unique microcontrollerbased
voltage and current-sensing circuit constantly monitors
the incoming power for fluctuations, overcurrent, and
undercurrent. When an abnormality, such as loss of suction
is detected, the 232-Insider deactivates its output relay and
directly disconnects the pump motor. The 232-Insider then
begins its user-selectable restart delay (dry-well recovery)
timer. When the timer counts to zero or power is removed and
reapplied, the 232-Insider reactivates its output relay and turns
the pump back on. By leaving the restart delay knob in the reset
position, the 232-Insider will operate in manual reset mode. An
infrared LED communicates directly with a hand-held diagnostic
tool called the Informer (sold separately).
Note: The use of flow restrictors or unusually high head pressures at the time of calibration may
interfere with the detection of dead-head conditions. Contact Littelfuse for information on a
product to fit these applications.

FEATURES BENEFITS
Proprietary
microcontroller
based circuitry
Constant monitoring of voltage and current protects
pumps from dry-well, dead-head, jammed impeller,
and voltage faults
Adjustable restart delay Allows user to select well recovery time delay after a
dry-well condition occurs, or to select manual reset
Built in IR
communications link
Used with the Informer, allows user to see stored
faults, run time, and also troubleshoot the pump while
it’s running
LED indication Provides status and diagnostics for troubleshooting




Similar Part No. - 232-INSIDER

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
232-002FT10-5XC GLENAIR-232-002FT10-5XC Datasheet
299Kb / 2P
232-002 232-002 Hermetic Receptacle, Solder Mount MIL-DTL-389989 Series II
232-002FT10-5XN GLENAIR-232-002FT10-5XN Datasheet
299Kb / 2P
232-002 232-002 Hermetic Receptacle, Solder Mount MIL-DTL-389989 Series II
232-002FT10-98PD GLENAIR-232-002FT10-98PD Datasheet
299Kb / 2P
232-002 232-002 Hermetic Receptacle, Solder Mount MIL-DTL-389989 Series II
232-002FT10-98PN GLENAIR-232-002FT10-98PN Datasheet
299Kb / 2P
232-002 232-002 Hermetic Receptacle, Solder Mount MIL-DTL-389989 Series II
232-002FT10-99PA GLENAIR-232-002FT10-99PA Datasheet
299Kb / 2P
232-002 232-002 Hermetic Receptacle, Solder Mount MIL-DTL-389989 Series II
More results


Similar Description - 232-INSIDER

ManufacturerPart #DatasheetDescription
logo
Littelfuse
111-INSIDER-P LITTELFUSE-111-INSIDER-P Datasheet
355Kb / 4P
Single-Phase Pump Monitor
Revised: 10/31/2022
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
202-200-SP LITTELFUSE-202-200-SP Datasheet
191Kb / 2P
Single-phase voltage monitor
2016 Rev: 1-A-062716
231-INSIDER-P LITTELFUSE-231-INSIDER-P Datasheet
375Kb / 4P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
233P LITTELFUSE-233P Datasheet
470Kb / 4P
Single-Phase Pump Monitor
2022 Littelfuse, Inc
234-P LITTELFUSE-234-P Datasheet
223Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
235P LITTELFUSE-235P Datasheet
477Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
111P LITTELFUSE-111P Datasheet
473Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com