Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77C Datasheet (PDF) - Littelfuse

77C Datasheet PDF - Littelfuse
Part # 77C
Download  77C Download
File Size   373.39 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Single-Phase Current & Voltage Monitor

77C Datasheet (PDF)

Go To PDF Page Download Datasheet
77C Datasheet PDF - Littelfuse

Part # 77C
Download  77C Click to download

File Size   373.39 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Single-Phase Current & Voltage Monitor

77C Datasheet (HTML) - Littelfuse


77C Product details

Description
The single-phase 77C unit is a fully-programmable, electronic overload relay designed to protect any motor drawing 2-800
full load A (external CTs are required above 90 A). Common applications include conveyor systems, HVAC equipment,
saws and grinders, fan motors, and almost any pumping application. The 77C and 777-HVR-SP (family of products) are
for single-phase 100-240 V ac applications.
All of the overload relays provide unsurpassed protection by combining overload, underload, and voltage in one unit.
For standalone applications, the units incorporate a 3-digit LED display that is used for programming, providing real-time
operational information, and displaying diagnostic codes to aid in troubleshooting a fault condition. These units also feature
a communications network port that can be used with communication modules, listed in the 777 accessories section, to
form a Modbus, DeviceNet™, Profibus, or Ethernet network. Up to 99 units can be remotely monitored and controlled from
a PC, PLC, or SCADA system, and data logging through a PC with the optional Solutions software. This capability allows
for a simple, cost-effective way to meet new requirements for arc-flash safety.

Applications
• Conveyor systems
• HVAC equipment
• Saws and grinders
• Fan motors

FEATURES BENEFITS
Built-in display Visual indication for programming, viewing real-time voltage or
current, and last fault code
Programmable voltage and current settings Allows usage on a wide range of systems
3 selectable restart options Choose from automatic, semi-automatic, or manual to best meet
individual application needs
3 programmable restart delay timers Program separate restart delay time for rapid cycle protection, motor
cool down, and dry-well recovery
Remote display compatibility Increases safety through remote display of real-time data and fault
history. Aids with arc-flash safety regulations
Flexible reset Reset can be done through pushbutton on relay or remotely with
optional 777-MRSW or OL-Reset remote reset kit




Similar Part No. - 77C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
77C-HP LITTELFUSE-77C-HP Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
77C-KW LITTELFUSE-77C-KW Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
77C-LR-HP LITTELFUSE-77C-LR-HP Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
77C-LR-KW LITTELFUSE-77C-LR-KW Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
More results


Similar Description - 77C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
111-INSIDER-P LITTELFUSE-111-INSIDER-P Datasheet
355Kb / 4P
Single-Phase Pump Monitor
Revised: 10/31/2022
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
202-200-SP LITTELFUSE-202-200-SP Datasheet
191Kb / 2P
Single-phase voltage monitor
2016 Rev: 1-A-062716
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
777-P2 LITTELFUSE-777-P2 Datasheet
409Kb / 5P
3-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
77C-KW LITTELFUSE-77C-KW Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com