Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D0920 Datasheet (PDF) - Littelfuse

D0920 Datasheet PDF - Littelfuse
Part # D0920
Download  D0920 Download
File Size   285.46 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Arc-Flash Monitoring

D0920 Datasheet (PDF)

Go To PDF Page Download Datasheet
D0920 Datasheet PDF - Littelfuse

Part # D0920
Download  D0920 Click to download

File Size   285.46 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Arc-Flash Monitoring

D0920 Datasheet (HTML) - Littelfuse


D0920 Product details

Description
The D0920 Arc-Flash relay provides a simple and cost
effective solution for Arc-Flash monitoring. Two light sensors
can be connected directly to one relay.
Light Sensors react to light and have a 180º detection zone.
Sensors are supplied with 10 or 15 m of cable. 1-2 sensors
are recommended per cubicle or drawer.

FEATURES BENEFITS
Compact module Fits into wide range of Arc-Flash applications
Trip time <1 ms Limits Arc-Flash damage and risk of injury
Two optical sensor
cable lengths Point sensors with 10 or 15 m of cable
Inputs for two
sensors Single Arc-Flash relay can monitor 2 sensors
Adjustable light
sensitivity
Allows operation in bright environments and maximum
sensitivity in dark environments
Service mode Allows relay and sensor test without tripping system




Similar Part No. - D0920

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D09258-000 MACOM-D09258-000 Datasheet
540Kb / 10P
Metal Oxide Varistors Overvoltage Protection Device
More results


Similar Description - D0920

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PE1000D-10F PERKINELMER-PE1000D-10F Datasheet
67Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE1000D-13F PERKINELMER-PE1000D-13F Datasheet
64Kb / 2P
CERMAX XENON ARC LAMPS
PE300BF PERKINELMER-PE300BF Datasheet
63Kb / 2P
CERMAX XENON ARC LAMPS
logo
Nell Semiconductor Co.,...
MXG50-12 NELLSEMI-MXG50-12 Datasheet
237Kb / 2P
Arc Type Rectifier Module, 50A
logo
Littelfuse
AF0500-00 LITTELFUSE-AF0500-00 Datasheet
603Kb / 2P
Protection Relays & Controls Arc-Flash Monitoring
D0100 LITTELFUSE-D0100 Datasheet
2Mb / 1P
Fits into wide range of Arc-Flash applications
AF0500 LITTELFUSE-AF0500 Datasheet
726Kb / 2P
The AF0500 is a microprocessor-based arc-flash relay that limits arc-fault damage by detecting the light from an arc flash and rapidly tripping the feeder breaker
logo
List of Unclassifed Man...
PE150AF ETC2-PE150AF Datasheet
548Kb / 4P
CERMAX짰 XENON SHORT-ARC LAMPS
logo
Schneider Electric
ATV630C31N4MN SCHNEIDER-ATV630C31N4MN Datasheet
210Kb / 4P
HAZARD OF ELECTRIC SHOCK, EXPLOSION, OR ARC FLASH
07/2017
logo
Littelfuse
PGA-1100 LITTELFUSE-PGA-1100 Datasheet
1Mb / 1P
Accessory for Arc-Flash Relays , Diode Logic
2014 Rev: 1-A-030314
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com