Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP-TAM Datasheet (PDF) - Littelfuse

MHP-TAM Datasheet PDF - Littelfuse
Part # MHP-TAM
Download  MHP-TAM Download
File Size   373.88 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description MHP with Thermal Activation

MHP-TAM Datasheet (PDF)

Go To PDF Page Download Datasheet
MHP-TAM Datasheet PDF - Littelfuse

Part # MHP-TAM
Download  MHP-TAM Click to download

File Size   373.88 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description MHP with Thermal Activation

MHP-TAM Datasheet (HTML) - Littelfuse


MHP-TAM Product details

The rapidly expanding market for ultra-thin portable electronic
devices, such as media tablets and ultra-thin PCs, has created
demand for very thin, low-profile, lightweight and high-capacity
Lithium Polymer (LiP) and prismatic cells.
A new MHP (Metal Hybrid PPTC) device, the MHP-TAM device,
offers a 9VDC rating and a higher current rating than typical battery
strap devices. This helps them meet the battery safety
requirements of higher-capacity LiP and prismatic batteries found
in the latest tablet and ultra-thin computing products. Hybrid MHP
technology connects a bimetal protector in parallel with a PPTC
(polymeric positive temperature coefficient) device. The resulting
MHP-TAM (Thermal Activation) series helps provide resettable
overtemperature and overcurrent protection, while utilizing the
PPTC device to act as a heater and to help keep the bimetal
latched until the fault is removed.
Description

Features
■ 9VDC rating
■ Overtemperature and
overcurrent protection for
Lithium (Ion) Polymer and
Prismatic cells
■ Two levels of current carrying
capacity:
Low current (nominal 6A hold
current @25°C)
High current (nominal 15A
hold current @25°C)
■ Multiple activation temperature
ratings (72°C, 77°C, 82°C,
85°C, 90°C)
■ Compact size (L: 5.8mm x
W: 3.85mm x H: 1.15mm Max.)
allows for ultra-thin battery
pack designs
■ Evaluated to UL 60730-1 and
UL 60730-2-9,
CAN/CSA E60730-1,
CAN/CSA E730-2-9 and
IEC 60730-1 and
IEC 60730-2-9

Battery cell protection for high-capacity Lithium Polymer and
prismatic cells used in:
Applications
■ Notebook PCs
■ Ultra-book
■ Tablets
■ Smart phones
■ Battery-powered portable
electronic devices




Similar Part No. - MHP-TAM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MHP-TAM LITTELFUSE-MHP-TAM Datasheet
451Kb / 6P
MHP with Thermal Activation
02/23/24
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
560Kb / 2P
Overtemperature Protection Device
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
451Kb / 6P
MHP with Thermal Activation
02/23/24
MHP-TAM15-9-72N LITTELFUSE-MHP-TAM15-9-72N Datasheet
451Kb / 6P
MHP with Thermal Activation
02/23/24
MHP-TAM15-9-77 LITTELFUSE-MHP-TAM15-9-77 Datasheet
558Kb / 2P
Overtemperature Protection Device
More results


Similar Description - MHP-TAM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63813-0600 MOLEX11-63813-0600 Datasheet
48Kb / 1P
Manual Activation and Deactivation Tool
logo
Weidmuller
1429080000 WEIDMULLER-1429080000 Datasheet
614Kb / 4P
HDC MHP 100 FC
1429060000 WEIDMULLER-1429060000 Datasheet
685Kb / 4P
HDC MHP 100 MC
2549260000 WEIDMULLER-2549260000 Datasheet
743Kb / 4P
HDC MHP 200 FC
2548900000 WEIDMULLER-2548900000 Datasheet
741Kb / 4P
HDC MHP 200 MC
2668190000 WEIDMULLER-2668190000 Datasheet
209Kb / 3P
HDC MHP 70 MC
2748310000 WEIDMULLER-2748310000 Datasheet
417Kb / 3P
HDC MHP 70 FAS
2748270000 WEIDMULLER-2748270000 Datasheet
256Kb / 3P
HDC MHP 200 PE FAS
2748260000 WEIDMULLER-2748260000 Datasheet
252Kb / 3P
HDC MHP 200 PE MAS
logo
Molex Electronics Ltd.
ATS-638130600 MOLEX-ATS-638130600 Datasheet
105Kb / 1P
Activation/ Deactivation Tool
09-28-12
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com