Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK6207SP Datasheet (PDF) - First Silicon Co., Ltd

FTK6207SP Datasheet PDF - First Silicon Co., Ltd
Part # FTK6207SP
Download  FTK6207SP Download
File Size   1416.6 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 12V, 4.0 mΩ, 8.5A, Dual N-Channel

FTK6207SP Datasheet (PDF)

Go To PDF Page Download Datasheet
FTK6207SP Datasheet PDF - First Silicon Co., Ltd

Part # FTK6207SP
Download  FTK6207SP Click to download

File Size   1416.6 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 12V, 4.0 mΩ, 8.5A, Dual N-Channel

FTK6207SP Datasheet (HTML) - First Silicon Co., Ltd


FTK6207SP Product details

Feature
•Rss(on) Max = 5.0mΩ(VGS=4.5V)
•2KV ESD HBM
•Common-Drain Type
•ESD Protected Gate
•Pb-Free, Halogen-Free & RoHS Compliance

Application
•Lithium Ion Battery




Similar Part No. - FTK6207SP

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
60V NP Dual Channel MOSFETs
FTK60N04D FS-FTK60N04D Datasheet
347Kb / 4P
N-Channel Power MOSFET
FTK60P05S FS-FTK60P05S Datasheet
460Kb / 4P
P-Channel Enhancement Mode Power MOSFET
FTK6303 FS-FTK6303 Datasheet
1,021Kb / 5P
Dual P-CH 60V Fast Switching MOSFETs
FTK640D FS-FTK640D Datasheet
433Kb / 7P
18A, 200V, 0.155廓 , N-CHANNEL POWER MOS FET
More results


Similar Description - FTK6207SP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8884 FAIRCHILD-FDS8884 Datasheet
309Kb / 6P
N-Channel PowerTrench MOSFET 30V, 8.5A, 23mOhm
logo
First Components Intern...
FMS4414 FCI-FMS4414 Datasheet
1Mb / 2P
8.5A N Channel Enhancement-Mode MOSFET
logo
Alpha & Omega Semicondu...
AOC3860 AOSMD-AOC3860 Datasheet
350Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3860A AOSMD-AOC3860A Datasheet
387Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3862 AOSMD-AOC3862 Datasheet
324Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
WNMD2185 WILLSEMI-WNMD2185 Datasheet
983Kb / 8P
Dual N-Channel, 12V, 27A Power MOSFET
logo
Weidmuller
2660200285 WEIDMULLER-2660200285 Datasheet
148Kb / 3P
PRO PM 100W 12V 8.5A
logo
Alpha & Omega Semicondu...
AOC3870C AOSMD-AOC3870C Datasheet
700Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.1: March 2020
AOCA24108E AOSMD-AOCA24108E Datasheet
448Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com