Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEE-128G032 Datasheet (PDF) - Vishay Siliconix

LEE-128G032 Datasheet PDF - Vishay Siliconix
Part # LEE-128G032
Download  LEE-128G032 Download
File Size   180.91 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description LED Display Modules

LEE-128G032 Datasheet (PDF)

Go To PDF Page Download Datasheet
LEE-128G032 Datasheet PDF - Vishay Siliconix

Part # LEE-128G032
Download  LEE-128G032 Click to download

File Size   180.91 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description LED Display Modules

LEE-128G032 Datasheet (HTML) - Vishay Siliconix


LEE-128G032 Product details

FEATURES
• LED replacement for the popular APD-128G032
plasma display module
• + 5 V HC CMOS level video interface
• Large characters
• Highly visible for long distance viewing
• > 30:1 contrast ratio
• Brilliant neon orange color
• Slim profile
• Compliant to RoHS directive 2002/95/EC

ELECTRICAL SPECIFICATIONS
Voltage(s) Required: + 5 VDC (VCC)
Power Required (Fully Lit): Typical = 12.5 W
Maximum = 15 W

OPTICAL SPECIFICATIONS
Viewing Area: 12.75" [323.8 mm] W x 3.15" [80.01 mm] L
Character Size (5 x 7): 0.65" [16.51 mm] H x 0.45" [11.43 mm] W
Pixel Size: 0.063" [1.6 mm] H x 0.031" [0.8 mm] W
Pixel Pitch: 0.100" [2.54 mm]
Luminance: 100 ft-L minimum
Color: Neon orange
Viewing Angle: > 150°

ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 40 °C to + 85 °C
Storage Temperature: - 40 °C to + 85 °C
Relative Operating Humidity: To 95 % non-condensing
Mechanical Shock: 30 G
Vibration: 3 G
Operating Altitude: 10 000 ft




Similar Part No. - LEE-128G032

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LEE-128G032-1 VISHAY-LEE-128G032-1 Datasheet
180Kb / 3P
LED Display Modules
14-Jan-09
LEE-128G032B VISHAY-LEE-128G032B Datasheet
135Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B VISHAY-LEE-128G032B Datasheet
137Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B-1 VISHAY-LEE-128G032B-1 Datasheet
140Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B-1 VISHAY-LEE-128G032B-1 Datasheet
140Kb / 3P
LED Display Modules
07-Dec-12
More results


Similar Description - LEE-128G032

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LEE-128G032B VISHAY-LEE-128G032B Datasheet
135Kb / 3P
LED Display Modules
07-Dec-12
APD-128G032A VISHAY-APD-128G032A Datasheet
56Kb / 3P
Plasma Display Modules
24-Nov-00
LEE-128G032-1 VISHAY-LEE-128G032-1 Datasheet
180Kb / 3P
LED Display Modules
14-Jan-09
LEE-128G032B-1 VISHAY-LEE-128G032B-1 Datasheet
140Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B-2 VISHAY-LEE-128G032B-2 Datasheet
142Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B-1 VISHAY-LEE-128G032B-1_V01 Datasheet
140Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B VISHAY-LEE-128G032B_V02 Datasheet
137Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B-2 VISHAY-LEE-128G032B-2_V01 Datasheet
143Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B-3 VISHAY-LEE-128G032B-3_V01 Datasheet
142Kb / 3P
LED Display Modules
07-Dec-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com