Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP Datasheet (PDF) - Vishay Siliconix

TIP Datasheet PDF - Vishay Siliconix
Part # TIP_V01
Download  TIP Download
File Size   126.61 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Touch Panel with Controller

TIP Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP Datasheet PDF - Vishay Siliconix

Part # TIP_V01
Download  TIP Click to download

File Size   126.61 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Touch Panel with Controller

TIP Datasheet (HTML) - Vishay Siliconix


TIP Product details

FEATURES
• Fast response time
• Flexible operating modes
• User transparent
• Rugged construction
• Sealed for environmental resistance
• Immune to high or changing ambient light
• RS-232C interface
• Pre-assembled - no assembly or disassembly required to
mount display

ELECTRICAL SPECIFICATIONS
Voltage: + 12 VDC ± 5 %
Current: 400 mA typical

ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 0 °C to + 55 °C
Storage Temperature: - 55 °C to + 85 °C
Relative Humidity: 10 % to 90 % non-conditioning

INTERFACE
Type: RS-232C
Data Rate: 300 baud, 1200 baud, 9600 baud and auto baud
Word Format: 8 data bits, no parity, 1 start bit, 1 stop bit




Similar Part No. - TIP_V01

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
TIP 120 SAVANTIC-TIP 120 Datasheet
127Kb / 4P
Silicon NPN Darlington Power Transistors
logo
STMicroelectronics
TIP-142 STMICROELECTRONICS-TIP-142 Datasheet
51Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Vishay Siliconix
TIP-3526PCS-8 VISHAY-TIP-3526PCS-8 Datasheet
113Kb / 9P
Infrared Touch Panels
05-Dec-00
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
12.1??Infrared Touch Panel
28-Jun-01
TIP-4735SEE VISHAY-TIP-4735SEE Datasheet
125Kb / 7P
14” Infrared Touch Pane
20-Nov-03
More results


Similar Description - TIP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
12.1??Infrared Touch Panel
28-Jun-01
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
14” Infrared Touch Panel
20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
15” Infrared Touch Panel
28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
15” Infrared Touch Panel
28-Jun-01
logo
Unisonic Technologies
TS2043 UTC-TS2043 Datasheet
209Kb / 8P
TOUCH PANEL CONTROLLER
logo
Vishay Siliconix
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
14" Infrared Touch Panel
14-Jan-10
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
15" Infrared Touch Panel
14-Jan-10
logo
List of Unclassifed Man...
FT6X06 ETC2-FT6X06 Datasheet
736Kb / 27P
Self-Capacitive Touch Panel Controller
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com