Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLEDXN Datasheet (PDF) - Littelfuse

PLEDXN Datasheet PDF - Littelfuse
Part # PLEDXN
Download  PLEDXN Download
File Size   761.28 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PLEDxN Series

PLEDXN Datasheet (PDF)

Go To PDF Page Download Datasheet
PLEDXN Datasheet PDF - Littelfuse

Part # PLEDXN
Download  PLEDXN Click to download

File Size   761.28 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PLEDxN Series

PLEDXN Datasheet (HTML) - Littelfuse


PLEDXN Product details

Description
The open LED protector provides a switching electronic
shunt path when a single LED in an LED string fails as
an open circuit. This ensures the entire LED string will
continue to function even if a single LED in the string
does not. This provides higher reliable lighting functions
in applications such as headlights, aircraft lights, airport
runway lighting, roadside warning lights, etc. This
component is compatible with one watt rated LEDs with a
nominal 350 mA current at 3V. The SOD-123FL package is
one of the lowest height profiles (1.1 mm) packages offered
in the industry.

Features & Benefits
• Fast switching
• Automatically resets after
power cycle
• Compatible with industrial
standard package SOD-
123FL
• Compatible with industrial
lighting environments
• IEC 61000-4-2 ESD 30kV
(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2
• Low profile: maximum
height of 1.1mm
• RoHS compliant and
halogen-free
• MSL: Level 1 - unlimited




Similar Part No. - PLEDXN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLEDXS-A LITTELFUSE-PLEDXS-A Datasheet
821Kb / 5P
PLED Open LED Protectors / Automotive PLED Series
2019 Littelfuse, Inc.
PLEDXUSXA LITTELFUSE-PLEDXUSXA Datasheet
763Kb / 5P
PLED Open LED Protectors / High power PLED
2020 Littelfuse, Inc
PLEDXUX-A LITTELFUSE-PLEDXUX-A Datasheet
881Kb / 5P
PLED Open LED Protectors / Automotive PLED Unidirectional Series
2019 Littelfuse, Inc.
More results


Similar Description - PLEDXN

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com