Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDL8X2X Datasheet (PDF) - Infineon Technologies AG

2EDL8X2X Datasheet PDF - Infineon Technologies AG
Part # 2EDL8X2X
Download  2EDL8X2X Download
File Size   1275.17 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 120 V Boot, 3 A / 4 A, Junction-Isolated High Side and Low Side Gate Driver ICs

2EDL8X2X Datasheet (PDF)

Go To PDF Page Download Datasheet
2EDL8X2X Datasheet PDF - Infineon Technologies AG

Part # 2EDL8X2X
Download  2EDL8X2X Click to download

File Size   1275.17 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 120 V Boot, 3 A / 4 A, Junction-Isolated High Side and Low Side Gate Driver ICs

2EDL8X2X Datasheet (HTML) - Infineon Technologies AG


2EDL8X2X Product details

Features
 Level-shift high-side low-side dual channel driver
 (2EDL802x) Independently controlled high-side and low-side gate drivers
 (2EDL812x) Differential input for superb robustness with inherent shoot-through protection
 3 A (2EDL8x23) or 4 A (2EDL8x24) source current capability for both high side and low side drivers
 Strong 5 A high side / 6 A low side sink current capability
 120 V on-chip bootstrap diode
 Support operating frequency up to 1 MHz
 VDD/VHB under voltage lockout (UVLO)
 -10 V to 20 V Input pin capability for increased robustness
 (2EDL812x) -8 V to 15 V input pin common mode rejection
 -5 A output pin reverse current capability
 8 V to 17 V supply voltage operating range
 Fast propagation delay
 <6 ns delay matching
 Offered in VDSON-8 (4 mm x 4 mm) and
VSON-10 (3 mm x 3mm) package
 Lead free RoHS compliant package




Similar Part No. - 2EDL8X2X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2EDL8033-G3C INFINEON-2EDL8033-G3C Datasheet
1Mb / 32P
120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
2EDL8033-G4B INFINEON-2EDL8033-G4B Datasheet
1Mb / 32P
120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
2EDL8033-G4C INFINEON-2EDL8033-G4C Datasheet
1Mb / 32P
120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
2EDL8033G3CXTMA1 INFINEON-2EDL8033G3CXTMA1 Datasheet
1Mb / 32P
120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
2EDL8033G4BXTMA1 INFINEON-2EDL8033G4BXTMA1 Datasheet
1Mb / 32P
120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
More results


Similar Description - 2EDL8X2X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
logo
Infineon Technologies A...
2EDL803X INFINEON-2EDL803X Datasheet
1Mb / 32P
120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com