Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS040N03N Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TFS040N03N Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TFS040N03N
Download  TFS040N03N Download
File Size   4193.42 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

TFS040N03N Datasheet (PDF)

Go To PDF Page Download Datasheet
TFS040N03N Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TFS040N03N
Download  TFS040N03N Click to download

File Size   4193.42 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

TFS040N03N Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TFS040N03N Product details

Description
The TFS040N03N uses advanced trench technology to provi
de excellent RDS(ON), low gate charge and operation with gate
voltages as low as 4.5V. This device is suitable for use as a
Battery protection or in other switching application.

General Feature
VDS =30V , ID =48A
RDS(ON) Typ =3.9mΩ @ VGS=10V
RDS(ON) Typ =5.5mΩ @ VGS=4.5V
High Power and current handing cap
ability Lead free product is acquired
Surface mount package

Application
Battery switch
DC/DC converter




Similar Part No. - TFS040N03N

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
TFS01 TM-TFS01 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
TFS01 TM-TFS01 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
logo
Shenzhen Tuofeng Semico...
TFS070N03N TUOFENG-TFS070N03N Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Apr .2022 V1.1
More results


Similar Description - TFS040N03N

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com