Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-200 Datasheet (PDF) - Advantech Co., Ltd.

DS-200 Datasheet PDF - Advantech Co., Ltd.
Part # DS-200
Download  DS-200 Download
File Size   577.15 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 8th Generation Intel® Core™ i3/i5/Celeron - on SDM Player with Triple 4K Output

DS-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-200 Datasheet PDF - Advantech Co., Ltd.

Part # DS-200
Download  DS-200 Click to download

File Size   577.15 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 8th Generation Intel® Core™ i3/i5/Celeron - on SDM Player with Triple 4K Output

DS-200 Datasheet (HTML) - Advantech Co., Ltd.


DS-200 Product details

Features
ƒ Intel SDM-L (Smart Display Module - Large) form factor
ƒ 8th Intel® Core™ i3-8100H, i5-8400H processor, 9th Intel® Core™ Celeron
G4930E
ƒ Dual channel DDR4-2400/2666 SO-DIMM, up to 32 GB
ƒ 3 independent displays: Golden Finger (HDMI 2.0, DP1.2), Front Bracket
(mini DP++)
ƒ Supports Real 4K resolution
ƒ Supports Microsoft Windows 10 with proven compatibility
ƒ Easy installation and maintenance with Intel® SDM slot-in design




Similar Part No. - DS-200

ManufacturerPart #DatasheetDescription
logo
NORITAKE CO., LIMITED
DS-2007-0000-00 NORITAKE-DS-2007-0000-00 Datasheet
739Kb / 20P
TFT LCD Module with MPCT (Metallised Projective Capacitive Touch)
June 27, 2017
DS-2007-0001-00 NORITAKE-DS-2007-0001-00 Datasheet
739Kb / 20P
TFT LCD Module with MPCT (Metallised Projective Capacitive Touch)
June 27, 2017
DS-2007-0003-XX NORITAKE-DS-2007-0003-XX Datasheet
739Kb / 20P
TFT LCD Module with MPCT (Metallised Projective Capacitive Touch)
June 27, 2017
More results


Similar Description - DS-200

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DS-280 ADVANTECH-DS-280 Datasheet
620Kb / 2P
6th Generation Intel® Core™ i7/i5/i3 OPS Player with Triple 4K Output
4-Dec-2020
AIMB-786 ADVANTECH-AIMB-786 Datasheet
590Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
3-Jan-2023
logo
AAEON Technology
GENE-ADP6 AAEON-GENE-ADP6 Datasheet
572Kb / 2P
3.5” SubCompact Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/01/19
GENE-TGU6 AAEON-GENE-TGU6 Datasheet
846Kb / 2P
3.5” SubCompact Board with 11th Generation Intel® Core™ i7/i5/i3/Celeron CPU
2022/10/25
GENE-WHU6 AAEON-GENE-WHU6 Datasheet
582Kb / 2P
3.5” SubCompact Board with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/25
GENESYS-WHU6 AAEON-GENESYS-WHU6 Datasheet
483Kb / 2P
3.5" SubCompact Board System with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/05
PCM-CFS AAEON-PCM-CFS Datasheet
483Kb / 2P
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
PICO-WHU4-SEMI AAEON-PICO-WHU4-SEMI Datasheet
392Kb / 2P
PICO-SEMI Embedded with 8th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/11/30
PICO-WHU4 AAEON-PICO-WHU4 Datasheet
517Kb / 2P
Pico-ITX Board with 8th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/08/31
logo
Advantech Co., Ltd.
PWS-872 ADVANTECH-PWS-872 Datasheet
2Mb / 8P
10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
17-Oct-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com