Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1815 Datasheet (PDF) - Analog Devices

AD1815 Datasheet PDF - Analog Devices
Part # AD1815
Download  AD1815 Download
File Size   3150.8 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Sound Comm Controleer

AD1815 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1815 Datasheet PDF - Analog Devices

Part # AD1815
Download  AD1815 Click to download

File Size   3150.8 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Sound Comm Controleer

AD1815 Datasheet (HTML) - Analog Devices


AD1815 Product details

PRODUCT OVERVIEW
The AD1815 SoundComm™ Controller is a single chip Plug and Play audio subsystem for adding 16-bit stereo audio and communications support to personal computers. The AD1815 is compatible with applications written for SoundBlaster Pro and AdLib/OPL3. The AD1815 provides an integrated audio solution for Windows 95, Windows 3.1, DirectSound‡ and multimedia applications. The AD1815 supports telephony and advanced audio applications by providing a V.34 compatible modem analog front end and a serial port linking a companion media pump or DSP to the subsystem.

FEATURES
    Supports Applications Written for SoundBlaster* Pro, AdLib/OPL3†  Win 3.1, Win 95
    Stereo Audio 16-Bit SD Codec
    MPC Level-2/3 Mixer
    ISA Plug and Play Compatible
    Dual Type F FIFO DMA Support
    MPU-401 Compatible MIDI Port
    Integrated V.34, Modem Analog Front End
    Integrated Enhanced Digital Game Port
    Supports Wavetable Synthesizers
    Two I2S Digital Audio Serial Port Inputs
    Software & Hardware Volume Control
    Integrated FM Compatible Music Synthesizer
    Full-Duplex Capture and Playback Operation at Different Sample Rates
    Supports Up to Six Different Sample Rates Simultaneously
    Supports Voice Over Data
    1 Hz Resolution Programmable Sample Rates from 4 kHz to 55.2 kHz
    Bidirectional DSP Serial Port
    Power Management Modes
    Operation from +5 V Supply
    Built-In 24 mA Bus Drivers
    100-Pin PQFP Package




Similar Part No. - AD1815

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1815 AD-AD1815_15 Datasheet
401Kb / 44P
SoundComm Controller
REV. 0
More results


Similar Description - AD1815

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62421SP MITSUBISHI-M62421SP Datasheet
111Kb / 16P
SOUND CONTROLLER
logo
New Japan Radio
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
SOUND PROCESSOR with SOUND ENHANCEMENT
logo
ATMEL Corporation
STSAM9708 ATMEL-STSAM9708 Datasheet
373Kb / 30P
Sound Synthesis
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
Sound Synthesis
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
ATMEL Corporation
ATSAM2553 ATMEL-ATSAM2553 Datasheet
604Kb / 29P
Sound Synthesis
logo
Generalplus Technology ...
GPC11001A GENERALPLUS-GPC11001A Datasheet
279Kb / 16P
Sound Controller
logo
Mallory Sonalert Produc...
SBM428R MSPI-SBM428R Datasheet
49Kb / 1P
Sound level Category Medium Sound Level
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com