Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBU6A Datasheet (PDF) - Pan Jit International Inc.

GBU6A Datasheet PDF - Pan Jit International Inc.
Part # GBU6A
Download  GBU6A Download
File Size   42.21 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)

GBU6A Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU6A Datasheet PDF - Pan Jit International Inc.

Part # GBU6A
Download  GBU6A Click to download

File Size   42.21 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)

GBU6A Datasheet (HTML) - Pan Jit International Inc.


GBU6A Product details

VOLTAGE 50 to 800 Volts POWER 6.0 Amperes

FEATURES
• Plastic material has Underwriters Laboratory
   Flammability Classification 94V-O
• Ideal for printed circuit board
• Reliable low cost construction utilizing
   molded plastic technique
• Surge overload rating: 175 Amperes peak
• Pb free product are available :
   99% Sn above can meet Rohs environment
   substance directive request




Similar Part No. - GBU6A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
GBU6A TRSYS-GBU6A Datasheet
215Kb / 3P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBU6A FAIRCHILD-GBU6A Datasheet
858Kb / 3P
6.0 Ampere Bridge Rectifiers
logo
Shanghai Lunsure Electr...
GBU6A CHENYI-GBU6A Datasheet
155Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - GBU6A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ6A PANJIT-GBJ6A Datasheet
45Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
Rectron Semiconductor
RS601M RECTRON-RS601M_10 Datasheet
266Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
SPA2505G RECTRON-SPA2505G Datasheet
199Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25 Amperes
logo
Kingtronics Internation...
GBJ6005-GBJ610 KINGTRONICS-GBJ6005-GBJ610 Datasheet
592Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
KBU6005-KBU610 KINGTRONICS-KBU6005-KBU610 Datasheet
387Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
logo
GOOD-ARK Electronics
KBJL6XU GOOD-ARK-KBJL6XU_15 Datasheet
230Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes
logo
Kingtronics Internation...
GBJ6005-GBJ610 KINGTRONICS-GBJ6005-GBJ610_16 Datasheet
354Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 6.0 Ampere
logo
Rectron Semiconductor
MB1M RECTRON-MB1M Datasheet
522Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 1.0 Amperes
2018-06/61 REV:O
MSB601M RECTRON-MSB601M Datasheet
117Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2020-01/47 REV:O
RS601L RECTRON-RS601L Datasheet
85Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2021--07 REV:C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com