Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1A Datasheet (PDF) - Pan Jit International Inc.

GS1A Datasheet PDF - Pan Jit International Inc.
Part # GS1A
Download  GS1A Download
File Size   53.43 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)

GS1A Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1A Datasheet PDF - Pan Jit International Inc.

Part # GS1A
Download  GS1A Click to download

File Size   53.43 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)

GS1A Datasheet (HTML) - Pan Jit International Inc.


GS1A Product details

VOLTAGE 50 to 1000 Volts CURRENT 1.0 Amperes

FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
• Low Forward Drop
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Chip Junction
• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - GS1A

ManufacturerPart #DatasheetDescription
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
GS1A TRSYS-GS1A Datasheet
172Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
GS1A WTE-GS1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Dc Components
GS1A DCCOM-GS1A Datasheet
417Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
More results


Similar Description - GS1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1A PANJIT-S1A Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
S1A SURGE-S1A Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Rectron Semiconductor
FM4001W RECTRON-FM4001W Datasheet
23Kb / 2P
SURFACE MOUNT SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
List of Unclassifed Man...
GS1A ETC-GS1A Datasheet
51Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERE
logo
DAESAN ELECTRONIC CORP.
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Rectron Semiconductor
HL101W RECTRON-HL101W Datasheet
260Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA1 RECTRON-SA1 Datasheet
314Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA1L RECTRON-SA1L Datasheet
317Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com