Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1035MP Datasheet (PDF) - Advanced Power Technology

1035MP Datasheet PDF - Advanced Power Technology
Part # 1035MP
Download  1035MP Download
File Size   179.26 Kbytes
Page   2 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description 35 Watts, 50 Volts Avionics 1025 - 1150 MHz

1035MP Datasheet (PDF)

Go To PDF Page Download Datasheet
1035MP Datasheet PDF - Advanced Power Technology

Part # 1035MP
Download  1035MP Click to download

File Size   179.26 Kbytes
Page   2 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description 35 Watts, 50 Volts Avionics 1025 - 1150 MHz

1035MP Datasheet (HTML) - Advanced Power Technology


1035MP Product details

GENERAL DESCRIPTION
The 1035 MP is a COMMON BASE bipolar transistor. It is designed for pulsed systems in the frequency band 1025-1150 MHz. The device has gold thin-film metallization for proven highest MTTF. The transistor includes input prematch for broadband capability. Low thermal resistance package reduces junction temperature, extends life.




Similar Part No. - 1035MP

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
1035 TIME-ELECTRONICS-1035  Datasheet
80Kb / 2P
Current Source and Load Calibrator
logo
Mill-Max Mfg. Corp.
1035-2-17-01-30-02-02-0 MILL-MAX-1035-2-17-01-30-02-02-0 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
1035-2-17-01-30-27-02-0 MILL-MAX-1035-2-17-01-30-27-02-0 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
1035-2-17-01-30-84-02-0 MILL-MAX-1035-2-17-01-30-84-02-0 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
1035-2-17-01-32-02-02-0 MILL-MAX-1035-2-17-01-32-02-02-0 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
More results


Similar Description - 1035MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
DME800 ADPOW-DME800 Datasheet
262Kb / 4P
800 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
logo
Microsemi Corporation
1015MP MICROSEMI-1015MP Datasheet
109Kb / 3P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1090MP MICROSEMI-1090MP Datasheet
91Kb / 3P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
DME150 MICROSEMI-DME150 Datasheet
426Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
MS2553C MICROSEMI-MS2553C Datasheet
225Kb / 5P
35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com