Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4KE Datasheet (PDF) - Pan Jit International Inc.

P4KE Datasheet PDF - Pan Jit International Inc.
Part # P4KE
Download  P4KE Download
File Size   169.29 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)

P4KE Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE Datasheet PDF - Pan Jit International Inc.

Part # P4KE
Download  P4KE Click to download

File Size   169.29 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)

P4KE Datasheet (HTML) - Pan Jit International Inc.


P4KE Product details

VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
• Glass passivated chip junction in DO-41 package
• 400W surge capability at 1ms
• Excellent clamping capability
• Low zener impedance
• Fast response time: typically less than 1.0 ps from 0 volts to BV min
• Typical IR less than 1 £gA above 10V
• High temperature soldering guaranteed: 300°C/10 seconds/.375”,(9.5mm) lead length/5lbs., (2.3kg) tension




Similar Part No. - P4KE

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE WTE-P4KE Datasheet
67Kb / 5P
400W TRANSIENT BOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
P4KE RECTRON-P4KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - P4KE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Rectron Semiconductor
P4FMAJ RECTRON-P4FMAJ Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4KE RECTRON-P4KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMAJ RECTRON-TFMAJ Datasheet
989Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Rectron Semiconductor
TMPG06-27 RECTRON-TMPG06-27 Datasheet
28Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 300 WATT PEAK POWER 1.0 WATT STEADY STATE
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com