Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CG010BBC13N Datasheet (PDF) - TAMURA Corporation.

2CG010BBC13N Datasheet PDF - TAMURA Corporation.
Part # 2CG010BBC13N
Download  2CG010BBC13N Download
File Size   878.79 Kbytes
Page   8 Pages
Manufacturer  TAMURA [TAMURA Corporation.]
Direct Link  https://www.tamuracorp.com/
Logo TAMURA - TAMURA Corporation.
Description Gate Driver Module 2CG010BBC11N

2CG010BBC13N Datasheet (PDF)

Go To PDF Page Download Datasheet
2CG010BBC13N Datasheet PDF - TAMURA Corporation.

Part # 2CG010BBC13N
Download  2CG010BBC13N Click to download

File Size   878.79 Kbytes
Page   8 Pages
Manufacturer  TAMURA [TAMURA Corporation.]
Direct Link  https://www.tamuracorp.com/
Logo TAMURA - TAMURA Corporation.
Description Gate Driver Module 2CG010BBC11N

2CG010BBC13N Datasheet (HTML) - TAMURA Corporation.


2CG010BBC13N Product details

■Features
・Ideal for drive of IGBT and SiC MOSFET
・Gate voltage : +15V/-10V
・ALL-IN-ONE (Built-in isolated DC / DC converter and gate drive circuit)
・Low parasitic capacitance (about 12pF) ; highly resistant to common-mode noise.
・Fast response : about 100nsec(typ)
・The isolation for primary-secondary signal used fast response isolator.
・Input-to-Output dielectric withstand voltage : AC5000V
・Output CH1-to-Ouput CH2 dielectric withstand voltage : AC4000V
・Input-to-Output insulation distance : 14mm (clearance), 16mm(creepage) (As for Gate driver module PCB)
・Output CH1-to-Output CH2 insulation distance : 7mm (clearance), 12mm(creepage)
・DC/DC converter input voltage :13~28V
・Signal input voltage : 3.3V,5V
・Overload protection (DC/DC converter)
・Overheat protection (DC/DC converter)
・Half bridge mode (Gate drive circuit)
・Desaturation protection (Gate drive circuit)
・Soft turn-off function (Gate drive circuit)
・Fault signal output function (Gate drive circuit)
・Miller function (Gate drive circuit)
・Under-voltage lockout(UVLO) (Gate drive circuit)
・Insulating moistureproof coating
・Safety standards:UL508(file no.E243511) (DC/DC converter only)
・Reinforced isolation according to IEC 60664-1 (IEC61800-5-1, IEC62477-1, IEC62109-1, etc.)
・UL compliant (UL1741, UL508, etc.)

■Application
Industrial inverter, power conditioner, etc …




Similar Part No. - 2CG010BBC13N

ManufacturerPart #DatasheetDescription
logo
TAMURA Corporation.
2CG010BBC13N TAMURA-2CG010BBC13N Datasheet
1Mb / 8P
Gate Driver Module 2CG010BBC12N
Rev.1.01 Nov. 2021
2CG010BBC13N TAMURA-2CG010BBC13N Datasheet
1Mb / 8P
Gate Driver Module 2CG010BBC13N
Rev.1.01 Nov. 2021
2CG010BBC13N TAMURA-2CG010BBC13N Datasheet
895Kb / 8P
Gate Driver Module 2CG010BBC14N
Rev.1.01 Nov. 2021
More results


Similar Description - 2CG010BBC13N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TF1205 TOSHIBA-TF1205 Datasheet
244Kb / 5P
SOLID STATE IGTB GATE DRIVER MODULE
TF1206 TOSHIBA-TF1206 Datasheet
234Kb / 5P
SOLID STATE IGBT GATE DRIVER MODULE
TF1207 TOSHIBA-TF1207 Datasheet
241Kb / 5P
SOLID STATE IGBT GATE DRIVER MODULE
TF1208 TOSHIBA-TF1208 Datasheet
231Kb / 5P
SOLID STATE IGBT GATE DRIVER MODULE
logo
Powerex Power Semicondu...
BG2B POWEREX-BG2B Datasheet
75Kb / 1P
Universal Dual IGBT Module Gate Driver Board
logo
IXYS Corporation
IXZ631DF18N50 IXYS-IXZ631DF18N50 Datasheet
803Kb / 7P
IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
logo
TAMURA Corporation.
2CG010BBC12N TAMURA-2CG010BBC12N Datasheet
1Mb / 8P
Gate Driver Module 2CG010BBC12N
Rev.1.01 Nov. 2021
2CG010BBC13N TAMURA-2CG010BBC13N Datasheet
1Mb / 8P
Gate Driver Module 2CG010BBC13N
Rev.1.01 Nov. 2021
2CG010BBC14N TAMURA-2CG010BBC14N Datasheet
895Kb / 8P
Gate Driver Module 2CG010BBC14N
Rev.1.01 Nov. 2021
2CG010DBC11N TAMURA-2CG010DBC11N Datasheet
908Kb / 8P
Gate Driver Module 2CG010DBC11N
Rev.1.01 Nov. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com