Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRDI Datasheet (PDF) - Littelfuse

HRDI Datasheet PDF - Littelfuse
Part # HRDI
Download  HRDI Download
File Size   661.85 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Interval Timer

HRDI Datasheet (PDF)

Go To PDF Page Download Datasheet
HRDI Datasheet PDF - Littelfuse

Part # HRDI
Download  HRDI Click to download

File Size   661.85 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Interval Timer

HRDI Datasheet (HTML) - Littelfuse


HRDI Product details

Description
The HRDI Series combines an electromechanical relay output
with microcontroller timing circuitry. It offers 12 to 230V
operation in five ranges and factory fixed, external, or onboard
adjustable time delays with a repeat accuracy of ±0.5%. The
output contact rating allows for direct operation of heavy loads,
such as compressors, pumps, blower motors, heaters, etc. This
series is ideal for OEM applications where cost is a factor.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output relay is energized during the time delay. At the end of the
time delay, the output de-energizes and remains de-energized
until input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy +/- 0.5%
Compact, low
cost design Allows flexiblility for OEM applications
Isolated, 30A, SPDT,
NO output contacts
Allows direct operation of heavy loads:
compressors, pumps, blower moters, heaters.
Encapsulated Protects against shock, vibration, and humidity.




Similar Part No. - HRDI

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
HRD-1641 HANWHAVISION-HRD-1641 Datasheet
897Kb / 4P
16CH 4M H.264 AHD DVR
HRD-1642 HANWHAVISION-HRD-1642 Datasheet
542Kb / 4P
16CH 4M H.264 AHD DVR
HRD-440 HANWHAVISION-HRD-440 Datasheet
762Kb / 4P
4CH 4M H.264 AHD DVR
HRD-442 HANWHAVISION-HRD-442 Datasheet
412Kb / 4P
4CH 4M H.264 AHD DVR
HRD-840 HANWHAVISION-HRD-840 Datasheet
762Kb / 4P
8CH 4M H.264 AHD DVR
More results


Similar Description - HRDI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8253 TOSHIBA-TMP8253 Datasheet
319Kb / 14P
PROGRAMMABLE INTERVAL TIMER
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
PROGRAMMABLE INTERVAL TIMER
TMP82C54 TOSHIBA-TMP82C54 Datasheet
556Kb / 26P
PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8253 INTEL-8253 Datasheet
700Kb / 11P
PROGRAMMABLE INTERVAL TIMER
8254 INTEL-8254 Datasheet
835Kb / 21P
PROGRAMMABLE INTERVAL TIMER
logo
NEC
UPD8253 NEC-UPD8253 Datasheet
419Kb / 11P
PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
Littelfuse
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com