Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLIN3333-02G Datasheet (PDF) - Vishay Siliconix

VLIN3333-02G Datasheet PDF - Vishay Siliconix
Part # VLIN3333-02G
Download  VLIN3333-02G Download
File Size   110.25 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance, Single-Line ESD-Protection Diode in SOD-323S

VLIN3333-02G Datasheet (PDF)

Go To PDF Page Download Datasheet
VLIN3333-02G Datasheet PDF - Vishay Siliconix

Part # VLIN3333-02G
Download  VLIN3333-02G Click to download

File Size   110.25 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance, Single-Line ESD-Protection Diode in SOD-323S

VLIN3333-02G Datasheet (HTML) - Vishay Siliconix


VLIN3333-02G Product details

FEATURES
• For LIN-Bus applications
• Small SOD-323 package
• 1-line ESD-protection
• Working range: ± 33 V
• Low leakage current IR < 0.05 μA
• Low load capacitance CD < 13 pF
• ESD-protection acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
• ESD capability according to AEC-Q101:
human body model: class H3B: > 8 kV
• e3 - pins plated with tin (Sn)
• AEC-Q101 qualified available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLIN3333-02G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLIN1616-02G VISHAY-VLIN1616-02G Datasheet
113Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
19-Jul-17
VLIN1616-02G VISHAY-VLIN1616-02G Datasheet
114Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode in SOD-323
19-Nov-2021
VLIN1616-02G VISHAY-VLIN1616-02G_V01 Datasheet
114Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode in SOD-323
19-Nov-2021
VLIN1626-02G VISHAY-VLIN1626-02G Datasheet
107Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
VLIN1626-02G VISHAY-VLIN1626-02G Datasheet
119Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
19-Nov-2021
More results


Similar Description - VLIN3333-02G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1 Datasheet
534Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode
13-Jul-10
VLIN1626-02G VISHAY-VLIN1626-02G Datasheet
107Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
VLIN2626-02G VISHAY-VLIN2626-02G Datasheet
101Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
VBUS05M1-02V VISHAY-VBUS05M1-02V Datasheet
107Kb / 6P
Low Capacitance Single Line ESD-Protection Diode in SOD-523
02-Dec-2020
VESD01C1-02V VISHAY-VESD01C1-02V Datasheet
137Kb / 10P
Single-Line ESD-Protection Diode in SOD-523
05-Aug-2020
VLIN2626-02G VISHAY-VLIN2626-02G_V01 Datasheet
114Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
19-Nov-2021
VESD01C1-02V VISHAY-VESD01C1-02V_V01 Datasheet
134Kb / 10P
Single-Line ESD-Protection Diode in SOD-523
15-Jan-2021
VLIN1626-02G VISHAY-VLIN1626-02G_V01 Datasheet
119Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
19-Nov-2021
VLIN1616-02G VISHAY-VLIN1616-02G_V01 Datasheet
114Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode in SOD-323
19-Nov-2021
VBUS05M1-02V VISHAY-VBUS05M1-02V_V01 Datasheet
106Kb / 6P
Low Capacitance Single Line ESD-Protection Diode in SOD-523
02-Dec-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com