Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1304A Datasheet (PDF) - Belden Inc.

1304A Datasheet PDF - Belden Inc.
Part # 1304A
Download  1304A Download
File Size   158.73 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CatSnake® Category 5E Tactical Cable, 4 Bonded-Pairs, U/UTP

1304A Datasheet (PDF)

Go To PDF Page Download Datasheet
1304A Datasheet PDF - Belden Inc.

Part # 1304A
Download  1304A Click to download

File Size   158.73 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CatSnake® Category 5E Tactical Cable, 4 Bonded-Pairs, U/UTP

1304A Datasheet (HTML) - Belden Inc.


1304A Product details

Product Description
CatSnake® Category 5E Tactical Cable, 4 Bonded-Pairs, 24 AWG Stranded Bare Copper Conductors, U/UTP, PVC Jacket




Similar Part No. - 1304A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1304A4 BELDEN-1304A4 Datasheet
173Kb / 2P
CatSnake® 4-Channel 4 Pr #24 Str BC, U/UTP, Flexible PVC Inner & Outer Jkts
11-09-2022
1304A4-B591000 BELDEN-1304A4-B591000 Datasheet
173Kb / 2P
CatSnake® 4-Channel 4 Pr #24 Str BC, U/UTP, Flexible PVC Inner & Outer Jkts
11-09-2022
1304A4-B59500 BELDEN-1304A4-B59500 Datasheet
173Kb / 2P
CatSnake® 4-Channel 4 Pr #24 Str BC, U/UTP, Flexible PVC Inner & Outer Jkts
11-09-2022
More results


Similar Description - 1304A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GXS32 BELDEN-10GXS32 Datasheet
256Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMR
10GXS33 BELDEN-10GXS33 Datasheet
257Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMP
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1305A BELDEN-1305A Datasheet
158Kb / 3P
CatSnake® Category 5E Tactical Upjacketed Cable, 4 Bonded-Pairs, U/UTP
2022 Belden, Inc
1700A BELDEN-1700A Datasheet
179Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
1701A BELDEN-1701A Datasheet
180Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
1752A BELDEN-1752A Datasheet
178Kb / 3P
Category 5e Patch Cable, 4 Bonded-Pairs, U/UTP, CM
2022 Belden, Inc
10GX32 BELDEN-10GX32 Datasheet
171Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
10GX33 BELDEN-10GX33 Datasheet
168Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com