Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECU-1152-R11ABE Datasheet (PDF) - Advantech Co., Ltd.

ECU-1152-R11ABE Datasheet PDF - Advantech Co., Ltd.
Part # ECU-1152-R11ABE
Download  ECU-1152-R11ABE Download
File Size   145.11 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description TI Cortex A8 Industrial Communication Gateway with 2 x LAN and 6 x COM Ports

ECU-1152-R11ABE Datasheet (PDF)

Go To PDF Page Download Datasheet
ECU-1152-R11ABE Datasheet PDF - Advantech Co., Ltd.

Part # ECU-1152-R11ABE
Download  ECU-1152-R11ABE Click to download

File Size   145.11 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description TI Cortex A8 Industrial Communication Gateway with 2 x LAN and 6 x COM Ports

ECU-1152-R11ABE Datasheet (HTML) - Advantech Co., Ltd.


ECU-1152-R11ABE Product details

Features
ƒ TI Cortex A8 800 MHz CPU
ƒ DDR3L512 MB RAM
ƒ 1 GB Micro SD card for system storage
ƒ 1 x Micro SD slot
ƒ 6 x RS-232/485 isolated serial ports
ƒ 2 x 10/100 Base-T Ethernet ports
ƒ 1 x Mini-PCIe for Wi-Fi/Cellular/4G
ƒ Supports web access for remote online monitoring
ƒ Supports Micro-SD cards and online firmware updates
ƒ Supports Modbus and IEC-60870 protocol
ƒ Supports data logging to Micro-SD card
ƒ RTLinux operating system
ƒ -40 ~ 70°C operating temperature range




Similar Part No. - ECU-1152-R11ABE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ECU-1152TL-R11A ADVANTECH-ECU-1152TL-R11A Datasheet
724Kb / 15P
WISE-EdgeLink
Jan. 26,2022 v1.0
More results


Similar Description - ECU-1152-R11ABE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-4673A ADVANTECH-UNO-4673A Datasheet
455Kb / 2P
Intel짰 Atom D510 / Core??i7 Substation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-4683 ADVANTECH-UNO-4683 Datasheet
455Kb / 2P
Intel짰 Atom D510 / Core??i7 Substation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-1110 ADVANTECH-UNO-1110_15 Datasheet
192Kb / 1P
TI Cortex AM3505 DIN-Rail PC with 2 x LAN, 5 x COM, 4 x USB
UNO-4673A ADVANTECH-UNO-4673A_15 Datasheet
198Kb / 1P
Intel짰 Atom / Core??i7 Automation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-4673A-A33E ADVANTECH-UNO-4673A-A33E Datasheet
198Kb / 1P
Intel짰 Atom / Core??i7 Automation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
logo
Moxa Inc.
UC-8100A-ME-T MOXA-UC-8100A-ME-T Datasheet
1Mb / 6P
Arm Cortex-A8 1 GHz IIoT gateway
logo
Advantech Co., Ltd.
ECU-150 ADVANTECH-ECU-150 Datasheet
690Kb / 2P
NXP i.MX8M Quad Core Cortex A53 High-Performance IoT Gateway with 2 x LAN, 2 x COM, 1 x USB
29-Dec-2021
ECU-1251 ADVANTECH-ECU-1251 Datasheet
132Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN, 4 x COM Ports
22-Dec-2020
ECU-1252 ADVANTECH-ECU-1252 Datasheet
366Kb / 1P
TI Cortex A9 Industrial Communication Gateway with 2 x CAN, 2 x LAN, 2 x COM Ports
14-Dec-2021
ECU-4553 ADVANTECH-ECU-4553 Datasheet
191Kb / 1P
TI Cortex4 A8 Power Automation Computer with 4 x LAN, 16 x COM Ports
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com