Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PG100R Datasheet (PDF) - Pan Jit International Inc.

PG100R Datasheet PDF - Pan Jit International Inc.
Part # PG100R
Download  PG100R Download
File Size   57.66 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)

PG100R Datasheet (PDF)

Go To PDF Page Download Datasheet
PG100R Datasheet PDF - Pan Jit International Inc.

Part # PG100R
Download  PG100R Click to download

File Size   57.66 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)

PG100R Datasheet (HTML) - Pan Jit International Inc.


PG100R Product details

VOLTAGE 50 to 1000 Volt CURRENT 1 Ampere

FEATURES
• High current capability.
• Plastic package has Underwriters Laboratories
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound.
• Low leakage.
• Fast switching for high efficiency.
• Lead free in compliance with EU RoHS2.0 (2011/65/EU & 2015/865/EU
   directive)

MECHANICAL DATA
• Case: Molded plastic, DO-41
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Weight: 0.0118 ounce, 0.336 gram




Similar Part No. - PG100R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG100R PANJIT-PG100R Datasheet
428Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
PG100R PANJIT-PG100R Datasheet
68Kb / 2P
HALOGEN FREE GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
PG100R ZSELEC-PG100R Datasheet
135Kb / 2P
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Pan Jit International I...
PG100RS PANJIT-PG100RS Datasheet
57Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
PG100RS PANJIT-PG100RS Datasheet
42Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
More results


Similar Description - PG100R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1U1G PANJIT-1U1G Datasheet
56Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
PG150R PANJIT-PG150R Datasheet
54Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
PG200R PANJIT-PG200R Datasheet
54Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
PG300R PANJIT-PG300R Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
PG4001S PANJIT-PG4001S Datasheet
41Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
PG4933 PANJIT-PG4933 Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
PG4942 PANJIT-PG4942 Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
PG600R PANJIT-PG600R Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF100G PANJIT-UF100G Datasheet
56Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
UF100GS PANJIT-UF100GS Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com