Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJQ4468AP Datasheet (PDF) - Pan Jit International Inc.

PJQ4468AP Datasheet PDF - Pan Jit International Inc.
Part # PJQ4468AP
Download  PJQ4468AP Download
File Size   587.01 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET

PJQ4468AP Datasheet (PDF)

Go To PDF Page Download Datasheet
PJQ4468AP Datasheet PDF - Pan Jit International Inc.

Part # PJQ4468AP
Download  PJQ4468AP Click to download

File Size   587.01 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET

PJQ4468AP Datasheet (HTML) - Pan Jit International Inc.


PJQ4468AP Product details

Features
 RDS(ON), VGS@10V, ID@10A<34mΩ
 RDS(ON), VGS@4.5V, ID@5A<40mΩ
 High switching speed
 Improved dv/dt capability
 Low reverse transfer capacitance
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard

Mechanical Data
 Case : DFN3333-8L Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.001 ounces, 0.03 grams




Similar Part No. - PJQ4468AP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJQ4468AP-AU PANJIT-PJQ4468AP-AU Datasheet
546Kb / 6P
60V N-Channel Enhancement Mode MOSFET
January 27,2022 PJQ4468AP-AU-REV.01
PJQ4468AP-AU_R2_000A1 PANJIT-PJQ4468AP-AU_R2_000A1 Datasheet
546Kb / 6P
60V N-Channel Enhancement Mode MOSFET
January 27,2022 PJQ4468AP-AU-REV.01
More results


Similar Description - PJQ4468AP

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com