Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2902C Datasheet (PDF) - New Japan Radio

NJM2902C Datasheet PDF - New Japan Radio
Part # NJM2902C
Download  NJM2902C Download
File Size   497.97 Kbytes
Page   8 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER

NJM2902C Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2902C Datasheet PDF - New Japan Radio

Part # NJM2902C
Download  NJM2902C Click to download

File Size   497.97 Kbytes
Page   8 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER

NJM2902C Datasheet (HTML) - New Japan Radio


NJM2902C Product details

■ GENERAL DESCRIPTION
The NJM2902C / NJM2902CA consists of four independent,
high gain, internally frequency compensated operation amplifiers,
which were designed specifically to operate from a single power
supply over a wide range of voltages. Operation from split power
supplies is also possible and the low power supply current drain
is independent of the magnitude of the power supply voltage.
Application areas include transducer amplifiers, DC gain
blocks, and all the conventional op amp circuits, which now can
be more easily implemented in single power supply systems.
For example, the NJM2902C / NJM2902CA can be directly
operated off of the standard +5V power supply voltage, which is
used in digital systems and will easily provide the required
interface electronics without requiring the additional ±15V power
supplies.

■ FEATURES
● Single Supply
● Operating Voltage +3V to +32V
● Low Operating Current 1.2mA typ.
● Slew Rate 0.6V/μs typ.
● Bipolar Technology
● Package Outline SOP14,SSOP14
● Internal ESD protection
Human body model (HBM) ±2000V typ.
● Wide temperature range -40℃ to +125℃
● Input Offset Voltage Grade




Similar Part No. - NJM2902C

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2902C NISSHINBO-NJM2902C Datasheet
1Mb / 26P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.13
More results


Similar Description - NJM2902C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM3403A NJRC-NJM3403A Datasheet
213Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER?
logo
Analog Devices
OP-292 AD-OP-292 Datasheet
679Kb / 20P
DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
OP292 AD-OP292 Datasheet
686Kb / 20P
DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4243 BURR-BROWN-OPA4243 Datasheet
97Kb / 7P
Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
Quad Single-Supply Operational Amplifier
logo
Texas Instruments
OPA4243 TI-OPA4243_13 Datasheet
668Kb / 12P
Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
New Japan Radio
NJM2902M-TE1 NJRC-NJM2902M-TE1 Datasheet
310Kb / 6P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC452 RENESAS-UPC452 Datasheet
493Kb / 8P
Single Power Supply Quad Operational Amplifier
2019.1.17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com