Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273664 Datasheet (PDF) - PHOENIX CONTACT

3273664 Datasheet PDF - PHOENIX CONTACT
Part # 3273664
Download  3273664 Download
File Size   480.59 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X4-NS35A YE

3273664 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273664 Datasheet PDF - PHOENIX CONTACT

Part # 3273664
Download  3273664 Click to download

File Size   480.59 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X4-NS35A YE

3273664 Datasheet (HTML) - PHOENIX CONTACT


3273664 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with horizontal alignment, nom. voltage:
800 V, nominal current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6
mm2, mounting type: NS 35/7,5, NS 35/15, color: yellow

Your advantages
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Clear wiring, thanks to eleven different color variants
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273660 PHOENIX-3273660 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4-NS35A BU
3273662 PHOENIX-3273662 Datasheet
479Kb / 20P
Distribution block - PTFIX 6X4-NS35A RD
Jun 7, 2022
3273666 PHOENIX-3273666 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4-NS35A GN
3273668 PHOENIX-3273668 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35A BN
Jun 16, 2022
More results


Similar Description - 3273664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273660 PHOENIX-3273660 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4-NS35A BU
3273670 PHOENIX-3273670 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4-NS35A WH
3273796 PHOENIX-3273796 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4 YE
3273658 PHOENIX-3273658 Datasheet
479Kb / 20P
Distribution block - PTFIX 6X4-NS35A GY
Jun 2, 2022
3273662 PHOENIX-3273662 Datasheet
479Kb / 20P
Distribution block - PTFIX 6X4-NS35A RD
Jun 7, 2022
3273672 PHOENIX-3273672 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35A BK
Jun 2, 2022
3273668 PHOENIX-3273668 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35A BN
Jun 16, 2022
3273675 PHOENIX-3273675 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35A PK
Jun 22, 2022
3273676 PHOENIX-3273676 Datasheet
477Kb / 19P
Distribution block - PTFIX 6X4-NS35A OG
Jul 20, 2022
3273730 PHOENIX-3273730 Datasheet
502Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A YE
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com