Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273686 Datasheet (PDF) - PHOENIX CONTACT

3273686 Datasheet PDF - PHOENIX CONTACT
Part # 3273686
Download  3273686 Download
File Size   483.9 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4-NS35A YE

3273686 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273686 Datasheet PDF - PHOENIX CONTACT

Part # 3273686
Download  3273686 Click to download

File Size   483.9 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4-NS35A YE

3273686 Datasheet (HTML) - PHOENIX CONTACT


3273686 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with horizontal alignment, nom. voltage:
800 V, nominal current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6
mm2, mounting type: NS 35/7,5, NS 35/15, color: yellow

Your advantages
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Clear wiring, thanks to eleven different color variants
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273686

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273680 PHOENIX-3273680 Datasheet
483Kb / 20P
Distribution block - PTFIX 12X4-NS35A GY
Jun 3, 2022
3273682 PHOENIX-3273682 Datasheet
484Kb / 20P
Distribution block - PTFIX 12X4-NS35A BU
Jun 13, 2022
3273684 PHOENIX-3273684 Datasheet
483Kb / 20P
Distribution block - PTFIX 12X4-NS35A RD
Jun 15, 2022
3273688 PHOENIX-3273688 Datasheet
484Kb / 20P
Distribution block - PTFIX 12X4-NS35A GN
Jun 23, 2022
More results


Similar Description - 3273686

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273696 PHOENIX-3273696 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4-NS35A VT
3273680 PHOENIX-3273680 Datasheet
483Kb / 20P
Distribution block - PTFIX 12X4-NS35A GY
Jun 3, 2022
3273694 PHOENIX-3273694 Datasheet
483Kb / 20P
Distribution block - PTFIX 12X4-NS35A BK
Jun 3, 2022
3273818 PHOENIX-3273818 Datasheet
557Kb / 22P
Distribution block - PTFIX 12X4 YE
Jun 13, 2022
3273950 PHOENIX-3273950 Datasheet
481Kb / 19P
Distribution block - PTFIX 12X4-G YE
Jun 27, 2022
3273684 PHOENIX-3273684 Datasheet
483Kb / 20P
Distribution block - PTFIX 12X4-NS35A RD
Jun 15, 2022
3273688 PHOENIX-3273688 Datasheet
484Kb / 20P
Distribution block - PTFIX 12X4-NS35A GN
Jun 23, 2022
3273692 PHOENIX-3273692 Datasheet
482Kb / 20P
Distribution block - PTFIX 12X4-NS35A WH
Jun 27, 2022
3273700 PHOENIX-3273700 Datasheet
490Kb / 19P
Distribution block - PTFIX 12X4-NS35A-FE
Jul 20, 2022
3273752 PHOENIX-3273752 Datasheet
480Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A YE
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com