Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10GA24 Datasheet (PDF) - Belden Inc.

10GA24 Datasheet PDF - Belden Inc.
Part # 10GA24
Download  10GA24 Download
File Size   183.92 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT 6A 23AWG, U/UTP, LSZH Jkt, Indoor

10GA24 Datasheet (PDF)

Go To PDF Page Download Datasheet
10GA24 Datasheet PDF - Belden Inc.

Part # 10GA24
Download  10GA24 Click to download

File Size   183.92 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT 6A 23AWG, U/UTP, LSZH Jkt, Indoor

10GA24 Datasheet (HTML) - Belden Inc.


10GA24 Product details

Product Description
23 AWG solid bare copper conductors, non-plenum, Polyethylene insulation, twisted pairs, central spline, overall cabling, special Barrier tape, LSZH jacket




Similar Part No. - 10GA24

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
10GAB10440020 VIA-10GAB10440020 Datasheet
467Kb / 3P
ETX Modules
10GAB12A00020 VIA-10GAB12A00020 Datasheet
520Kb / 3P
ETX Modules
logo
Vishay Siliconix
10GAP15 VISHAY-10GAP15 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
logo
VIA Technologies, Inc.
10GAU082000A0 VIA-10GAU082000A0 Datasheet
785Kb / 2P
ARM-based Pico-ITX Series
10GAX00000020 VIA-10GAX00000020 Datasheet
785Kb / 2P
ARM-based Pico-ITX Series
More results


Similar Description - 10GA24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2424 BELDEN-2424 Datasheet
276Kb / 3P
CAT6 Horizontal, 4pr, UTP, LSZH Jkt
1224 BELDEN-1224 Datasheet
176Kb / 3P
CAT5e Horizontal, 4pr, UTP, LSZH Jkt
2022 Belden, Inc
10GB24 BELDEN-10GB24 Datasheet
171Kb / 3P
10GB Category 6A Small Diameter Cable, 4 Pair, U/UTP, LSZH Indoor CPR Eca
2022 Belden, Inc
10GX24 BELDEN-10GX24 Datasheet
183Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, LSZH
2022 Belden, Inc
10GXE00 BELDEN-10GXE00 Datasheet
163Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, F/UTP, LSZH Indoor CPR Eca
2022 Belden, Inc
2141A BELDEN-2141A Datasheet
156Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
2147A BELDEN-2147A Datasheet
164Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
7965GLZ BELDEN-7965GLZ Datasheet
179Kb / 2P
Category 6 Cable, 4 Pair, U/UTP, LSZH Indoor CPR Eca
2022 Belden, Inc
IOP6AU BELDEN-IOP6AU Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
MA6AUFL BELDEN-MA6AUFL Datasheet
165Kb / 3P
MarineTuff Cat 6A, U/FTP, 4 Pr 23 BC, FMPE Ins, LSZH, Indoor, LR certified
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com