Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

108 Datasheet (PDF) - Alpha Wire

108 Datasheet PDF - Alpha Wire
Part # 108
Download  108 Download
File Size   99.12 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

108 Datasheet (PDF)

Go To PDF Page Download Datasheet
108 Datasheet PDF - Alpha Wire

Part # 108
Download  108 Click to download

File Size   99.12 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

108 Datasheet (HTML) - Alpha Wire


108 Product details

Construction
Diameters (In)
1) Component 1 4 X 1 COND
a) Conductor 18 (41/34) AWG Bare Copper 0.043
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.063
(1) Color(s)
Cond Color Cond Color Cond Color
1 BROWN 3 BLUE
2 WHITE 4 BLACK
2) Cable Assembly 4 Components Cabled
a) Twists: 5.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.037" Wall, Nom.,TPE 0.232+/- 0.010 a) Color(s)
YELLOW b) Jacket Separator
Tissue Tape, 25% Overlap, Min. c) Print




Similar Part No. - 108

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
108 RIEDON-108 Datasheet
359Kb / 2P
Precision Wirewound Resistors
108 RIEDON-108 Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
Alpha Wire
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
logo
Campbell Scientific Uni...
108 CAMPBELL-108 Datasheet
294Kb / 1P
Temperature Probe
06/26/2020
logo
Abbatron All Rights Res...
108 ABBATRON-108 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 108

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com