Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4519910 Datasheet (PDF) - Alpha Wire

4519910 Datasheet PDF - Alpha Wire
Part # 4519910_V01
Download  4519910 Download
File Size   98.88 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

4519910 Datasheet (PDF)

Go To PDF Page Download Datasheet
4519910 Datasheet PDF - Alpha Wire

Part # 4519910_V01
Download  4519910 Click to download

File Size   98.88 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

4519910 Datasheet (HTML) - Alpha Wire


4519910 Product details

Construction
Diameters (In)
1) Component 1 10 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.016" Wall, Nom. TPE 0.062
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 5 YELLOW 9 SLATE
2 BROWN 6 GREEN 10 WHITE
3 RED 7 BLUE
4 ORANGE 8 VIOLET
2) Cable Assembly 10 Components Cabled
a) Twists: 3.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing In
b) Drain Wire 22 (7/30) AWG Tinned Copper
4) Jacket 0.045" Wall, Nom.,TPE 0.346 (0.361 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 45199/10 10C 22 AWG
XTRAGUARD(R) 4 (UL) TYPE PLTC 105C SUN RES OR AWM
20237/21918 125C 300 V OR
CRU AWM I/II A/B 125C 300 V FT1
P-07-KA140023-MSHA CE ROHS
(SEQ FOOTAGE)




Similar Part No. - 4519910_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
4519910 ALPHAWIRE-4519910 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
More results


Similar Description - 4519910_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com