Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

453831 Datasheet (PDF) - Alpha Wire

453831 Datasheet PDF - Alpha Wire
Part # 453831
Download  453831 Download
File Size   98.61 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

453831 Datasheet (PDF)

Go To PDF Page Download Datasheet
453831 Datasheet PDF - Alpha Wire

Part # 453831
Download  453831 Click to download

File Size   98.61 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

453831 Datasheet (HTML) - Alpha Wire


453831 Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 18 (16/30) AWG Tinned Copper 0.047
b) Insulation 0.016" Wall, Nom. TPE 0.079
(1) Color Code Alpha Wire Color Code I2
Cond Color Cond Color Cond Color
1 BROWN 2 BLUE 3
GREEN/YELLOW
2) Cable Assembly 3 Components Cabled
a) Twists: 4.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing In
b) Drain Wire 18 (16/30) AWG Tinned Copper
4) Jacket 0.045" Wall, Nom.,TPE 0.268 (0.279 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 45383/1 3C 18 AWG
XTRAGUARD(R) 4 (UL) TYPE PLTC 105C SUN RES OR AWM
20237/21918 125C 300 V OR
CRU AWM I/II A/B 125C 300 V FT1
P-07-KA140023-MSHA CE ROHS
(SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 453831

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45383 ALPHAWIRE-45383 Datasheet
65Kb / 2P
3 Components Cabled
More results


Similar Description - 453831

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com