Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJMB130N65EC Datasheet (PDF) - Pan Jit International Inc.

PJMB130N65EC Datasheet PDF - Pan Jit International Inc.
Part # PJMB130N65EC
Download  PJMB130N65EC Download
File Size   776.99 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 650V N-Channel Super Junction MOSFET

PJMB130N65EC Datasheet (PDF)

Go To PDF Page Download Datasheet
PJMB130N65EC Datasheet PDF - Pan Jit International Inc.

Part # PJMB130N65EC
Download  PJMB130N65EC Click to download

File Size   776.99 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 650V N-Channel Super Junction MOSFET

PJMB130N65EC Datasheet (HTML) - Pan Jit International Inc.


PJMB130N65EC Product details

Feature:
 RDS(ON) Max, VGS@10V: 130mΩ
 Easy to use/ drive
 High Speed Switching and Low RDS(ON)
 100% Avalanche Tested
 100% Rg Tested
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard

Mechanical Data
 Case: TO-263 package
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0487 ounces, 1.38 grams

Application
 PFC, TV Power, PC Power, PD Charger, Adapter, UPS




Similar Part No. - PJMB130N65EC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMB210N65EC PANJIT-PJMB210N65EC Datasheet
1Mb / 7P
650VN-ChannelSuperJunctionMOSFET
June 21,2022 PJMB210N65EC-REV.00
PJMB310N65EC PANJIT-PJMB310N65EC Datasheet
1Mb / 7P
650VN-ChannelSuperJunctionMOSFET
June 21,2022 PJMB310N65EC-REV.00
PJMB390N65EC PANJIT-PJMB390N65EC Datasheet
772Kb / 7P
650V N-Channel Super Junction MOSFET
March 25,2022 PJMB390N65EC-REV.00
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU PANJIT-PJMBZ15V-AU Datasheet
223Kb / 5P
DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
More results


Similar Description - PJMB130N65EC

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCP12NK65V SEMIHOW-HCP12NK65V Datasheet
398Kb / 8P
650V N-Channel Super Junction MOSFET
HCS12NK65V SEMIHOW-HCS12NK65V Datasheet
423Kb / 7P
650V N-Channel Super Junction MOSFET
HCU65R600S SEMIHOW-HCU65R600S Datasheet
265Kb / 8P
650V N-Channel Super Junction MOSFET
HCU65R660S SEMIHOW-HCU65R660S Datasheet
285Kb / 8P
650V N-Channel Super Junction MOSFET
logo
Will Semiconductor Ltd.
WCR1K2N65 WILLSEMI-WCR1K2N65 Datasheet
1Mb / 9P
650V N-Channel Super Junction MOSFET
WCR250N65 WILLSEMI-WCR250N65 Datasheet
1Mb / 8P
650V N-Channel Super Junction MOSFET
WCR670N65 WILLSEMI-WCR670N65 Datasheet
1Mb / 9P
650V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJMF130N65EC PANJIT-PJMF130N65EC Datasheet
567Kb / 7P
650V N-Channel Super Junction MOSFET
October 15,2021 PJMF130N65EC-REV.00
PJMF380N65E1 PANJIT-PJMF380N65E1 Datasheet
515Kb / 7P
650V N-Channel Super Junction MOSFET
September 2,2021 PJMF380N65E1-REV.01
PJMF390N65EC PANJIT-PJMF390N65EC Datasheet
564Kb / 7P
650V N-Channel Super Junction MOSFET
October 14,2021 PJMF390N65EC-REV.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com