Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3561 Datasheet (PDF) - Texas Instruments

ADC3561 Datasheet PDF - Texas Instruments
Part # ADC3561
Download  ADC3561 Download
File Size   5551.53 Kbytes
Page   85 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC

ADC3561 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3561 Datasheet PDF - Texas Instruments

Part # ADC3561
Download  ADC3561 Click to download

File Size   5551.53 Kbytes
Page   85 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC

ADC3561 Datasheet (HTML) - Texas Instruments


ADC3561 Product details

1 Features
• 16-Bit 10-MSPS to 65-MSPS ADC
• Noise floor: –158 dBFS/Hz
• Low power consumption:
77 mW (10 MSPS) to 122 mW (65 MSPS)
• Latency: 1 clock cycle (1-wire SLVDS)
• Specified 16-bit, no missing codes
• INL: ± 3 LSB; DNL: ± 0.7 LSB
• Reference: external or internal
• Input bandwidth: 900 MHz (3 dB)
• Industrial temperature range: –40°C to +105°C
• On-chip dual band digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• Serial LVDS digital interface (2-, 1- and 1/2-wire)
• Small footprint: 40-WQFN (5 mm × 5 mm) package
• Spectral performance (fIN = 10 MHz):
– SNR: 81.9 dBFS
– SFDR: 95-dBc HD2, HD3
– SFDR: 100-dBFS worst spur

2 Applications
• High-Speed Data Acquisition
• Industrial Monitoring
• Software Defined Radio
• Power Quality Analyzer
• Source Measurement Unit (SMU)
• Communications Infrastructure
• Spectrum Analyzer
• Control Loops
• Instrumentation
• Imaging
• Spectroscopy
• Radar
• Sonar

3 Description
The ADC3561, ADC3562, ADC3563 (ADC356x)
family of devices are a low-noise, ultra-low power,
16-bit, 10-MSPS to 65-MSPS, high-speed analog-todigital
converters (ADCs). Designed for low power
consumption, these devices deliver a noise spectral
density of –158 dBFS/Hz combined with excellent
linearity and dynamic range. The ADC356x offers
good DC precision together with IF sampling support
making the device suitable for a wide range of
applications. High-speed control loops benefit from
the short latency of only one clock cycle. The ADC
consumes only 122 mW at 65 MSPS and power
consumption that scales well with lower sampling
rates.
The ADC356x uses a serial LVDS (SLVDS) interface
to output the data which minimizes the number of
digital interconnects. The device supports two-, oneand
half-lane options. The ADC356x and ADC358x
are a pin-to-pin compatible family with 16 and 18-bit
resolution and different speed grades. The devices
come in a 40-pin QFN package (5 x 5 mm), and
supports the extended industrial temperature range
from -40 to +105⁰C.




Similar Part No. - ADC3561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3561 TI-ADC3561 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3561 TI-ADC3561 Datasheet
4Mb / 74P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3561 TI-ADC3561 Datasheet
4Mb / 72P
ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
More results


Similar Description - ADC3561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3660 TI-ADC3660 Datasheet
4Mb / 77P
ADC3660 16-Bit, 0.5 to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3563 TI-ADC3563 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3563 TI-ADC3563_V01 Datasheet
4Mb / 74P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com