Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1400DWLR Datasheet (PDF) - Texas Instruments

AMC1400DWLR Datasheet PDF - Texas Instruments
Part # AMC1400DWLR
Download  AMC1400DWLR Download
File Size   1814.94 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package

AMC1400DWLR Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1400DWLR Datasheet PDF - Texas Instruments

Part # AMC1400DWLR
Download  AMC1400DWLR Click to download

File Size   1814.94 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package

AMC1400DWLR Datasheet (HTML) - Texas Instruments


AMC1400DWLR Product details

1 Features
• ±250-mV input voltage range optimized for current
measurements using shunt resistors
• Fixed gain: 8.2 V/V
• Low DC errors:
– Offset error: ±0.2 mV (max)
– Offset drift: ±0.9 μV/°C (max)
– Gain error: ±0.3% (max)
– Gain drift: ±30 ppm/°C (max)
– Nonlinearity: 0.03% (max)
• 3.3-V or 5-V operation on high-side and low-side
• Missing high-side supply detection feature
• High CMTI: 100 kV/μs (min)
• Low EMI, meets CISPR-11 and CISPR-32
standards
• ≥15.7-mm creepage, stretched SOIC package
• Safety-related certifications:
– 10600-VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 7500-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Shunt-resistor-based current sensing in:
– Motor drives
– Frequency inverters
– Solar inverters
– Wind turbine inverters
– Rail transport systems

3 Description
The AMC1400 is a precision, isolated amplifier with
an output separated from the input circuitry by an
isolation barrier that is highly resistant to magnetic
interference. This barrier is certified to provide
reinforced galvanic isolation of up to 7.5 kVRMS
according to DIN EN IEC 60747-17 (VDE 0884-17)
and UL1577, and supports a working voltage of up to
2 kVRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-side from voltage levels that can
cause electrical damage and are potentially harmful to
an operator.
The input of the AMC1400 is optimized for direct
connection to a low-impedance shunt resistor or other
low-impedance voltage source with low signal levels.
The excellent DC accuracy and low temperature
drift supports accurate current control in DC/DC
converters, frequency inverters, AC motor drives, and
other applications that must operate at high voltages,
high altitudes, or in environments with high pollution
degrees.
The AMC1400 is offered in a stretched SOIC
package and is specified over the extended industrial
temperature range from –40°C to +125°C .




Similar Part No. - AMC1400DWLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1400-Q1 TI-AMC1400-Q1 Datasheet
1Mb / 35P
AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1400QDWLRQ1 TI-AMC1400QDWLRQ1 Datasheet
1Mb / 35P
AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
More results


Similar Description - AMC1400DWLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1301 TI1-AMC1301_18 Datasheet
1Mb / 35P
Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
logo
Broadcom Corporation.
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
logo
Texas Instruments
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
AMC1400-Q1 TI-AMC1400-Q1 Datasheet
1Mb / 35P
AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com