Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVT4555 Datasheet (PDF) - NXP Semiconductors

NVT4555 Datasheet PDF - NXP Semiconductors
Part # NVT4555
Download  NVT4555 Download
File Size   304.29 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SIM card interface level translator and supply voltage LDO

NVT4555 Datasheet (PDF)

Go To PDF Page Download Datasheet
NVT4555 Datasheet PDF - NXP Semiconductors

Part # NVT4555
Download  NVT4555 Click to download

File Size   304.29 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SIM card interface level translator and supply voltage LDO

NVT4555 Datasheet (HTML) - NXP Semiconductors


NVT4555 Product details

General description
The NVT4555 device is built for interfacing a SIM card with a single low-voltage host
side interface. The NVT4555 contains an LDO that can deliver two different voltages,
1.8 V or 2.95 V from typical mobile phone battery voltages up to 5.25 V and three level
translators to convert the data, RSTn and CLKn signals between a SIM card and a host
microcontroller.
The NVT4555 contains one voltage select pin (CTRL) to select either 1.8 V or 2.95
V for SIM card power supply and one active HIGH enable pin (EN) to enable normal
operation. The NVT4555 is compliant with all ETSI, IMT-2000 and ISO-7816 SIM/Smart
card interface requirements.

Features and benefits
• Support SIM card supply voltages 1.8 V and 2.95 V
• Input voltage range to LDO: 2.5 V to 5.25 V
• Host microcontroller operating voltage range: 1.1 V to 3.6 V
• Automatic level translation of I/O, RSTn and CLKn between SIM card and host side
interface with capacitance isolation
• Low current shutdown (EN = 0) mode < 1 μA
• Supports clock speed beyond 5 MHz clock
• Incorporates shutdown feature for the SIM card signals according to ISO-7816-3
• ±8 kV IEC61000-4-2 ESD protected on all SIM card contact pins
• Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (Dark Green compliant)
• Available in 12-pin WLCSP package (1.19 mm × 1.62 mm × 0.56 mm (nominal), 0.4
mm pitch)

Applications
• NVT4555 can be used with a range of SIM card attached devices including:
– Mobile and personal phones
– Wireless modems
– SIM card terminals




Similar Part No. - NVT4555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555UK NXP-NVT4555UK Datasheet
578Kb / 18P
SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555UKZ NXP-NVT4555UKZ Datasheet
578Kb / 18P
SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
More results


Similar Description - NVT4555

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1555L LINER-LTC1555L Datasheet
136Kb / 8P
SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
SIM Power Supply and Level Translator
logo
NXP Semiconductors
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4556 NXP-NVT4556 Datasheet
1Mb / 27P
SIM card interface level translator with I2C-bus control and LDO
Rev. 1.1 ??25 August 2015
logo
Nexperia B.V. All right...
NXT4556 NEXPERIA-NXT4556 Datasheet
268Kb / 19P
SIM card interface level translator
Rev. 2 - 15 June 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com