Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCNEVT400 Datasheet (PDF) - Littelfuse

DCNEVT400 Datasheet PDF - Littelfuse
Part # DCNEVT400
Download  DCNEVT400 Download
File Size   865.93 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description DCNEVT400 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY

DCNEVT400 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCNEVT400 Datasheet PDF - Littelfuse

Part # DCNEVT400
Download  DCNEVT400 Click to download

File Size   865.93 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description DCNEVT400 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY

DCNEVT400 Datasheet (HTML) - Littelfuse


DCNEVT400 Product details

Description
High current and high voltage DC contactor relays for
electric vehicle, hybrid electric vehicle, circuit protection,
battery switch, and main power break. The Coil Economizer
greatly reduces coil power and heating after the contactor is
energized. Once the contactor is energized, it takes minimal
coil power to keep the contacts closed due to Pulse Width
Modulation (PWM) reducing the average power delivered by
pulsing the electrical signal. Utilizes polarized contacts for
optimum performance amidst polarized electrical loads.

Features and Benefits
• High current (400A) and high voltage (1800V) contactor for
EV applications
• Coil Enonomizer greatly reduces coil power and heating
• Hermetically sealed contact chamber to protect all moving
parts
• Sealed control wire connector included
• Able to handle harsh environments
• Designed and manufactured under the IATF16949
certification for Automotive Quality Systems.
• Designed specifically for automotive applications.

Applications
• Battery Electric Vehicles
• Hybrid Electric Vehicles
• Material Handling
• Electric Maintenance and
Transport Vehicles
• Industrial Applications




Similar Part No. - DCNEVT400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DCNEVT150 LITTELFUSE-DCNEVT150 Datasheet
1Mb / 3P
DCNEVT150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT150-B LITTELFUSE-DCNEVT150-B Datasheet
1Mb / 3P
DCNEVT150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT150-BS LITTELFUSE-DCNEVT150-BS Datasheet
1Mb / 3P
DCNEVT150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT150-C LITTELFUSE-DCNEVT150-C Datasheet
1Mb / 3P
DCNEVT150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT150-CS LITTELFUSE-DCNEVT150-CS Datasheet
1Mb / 3P
DCNEVT150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
More results


Similar Description - DCNEVT400

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
DH20 DONGYA-DH20 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH100 DONGYA-DH100 Datasheet
1Mb / 2P
High Voltage DC Contactor
logo
Littelfuse
DCNEV150 LITTELFUSE-DCNEV150 Datasheet
805Kb / 3P
DCNEV150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEV250 LITTELFUSE-DCNEV250 Datasheet
1Mb / 4P
DCNEV250 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT150 LITTELFUSE-DCNEVT150 Datasheet
1Mb / 3P
DCNEVT150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT350 LITTELFUSE-DCNEVT350 Datasheet
896Kb / 3P
DCNEVT350 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-D
DCNEVT500 LITTELFUSE-DCNEVT500 Datasheet
670Kb / 3P
DCNEVT500 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-E
DCNLEV100 LITTELFUSE-DCNLEV100 Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV50 LITTELFUSE-DCNLEV50 Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNSEV30 LITTELFUSE-DCNSEV30 Datasheet
643Kb / 2P
DCNSEV30 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060222-D
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com