Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1046953 Datasheet (PDF) - PHOENIX CONTACT

1046953 Datasheet PDF - PHOENIX CONTACT
Part # 1046953
Download  1046953 Download
File Size   437.86 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X1,5-NS35 GN

1046953 Datasheet (PDF)

Go To PDF Page Download Datasheet
1046953 Datasheet PDF - PHOENIX CONTACT

Part # 1046953
Download  1046953 Click to download

File Size   437.86 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X1,5-NS35 GN

1046953 Datasheet (HTML) - PHOENIX CONTACT


1046953 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 500 V, nominal
current: 17.5 A, connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2,
mounting type: NS 35/15, NS 35/7,5, color: green

Your advantages
• Convenient test options, thanks to test openings at every terminal point
• Space-saving potential distribution, thanks to compact micro potential distributors
• Flexible use, thanks to DIN rail and direct mounting
• Space-saving, thanks to the compact design
• Clear arrangement thanks to marking of all terminal points




Similar Part No. - 1046953

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1046950 PHOENIX-1046950 Datasheet
440Kb / 20P
Distribution block - PTFIX 18X1,5-NS35 BU
Jun 7, 2022
1046951 PHOENIX-1046951 Datasheet
439Kb / 20P
Distribution block - PTFIX 18X1,5-NS35 RD
Jun 22, 2022
1046952 PHOENIX-1046952 Datasheet
252Kb / 10P
PTFIX 18X1,5-NS35 BN - Distribution block
1046954 PHOENIX-1046954 Datasheet
254Kb / 10P
PTFIX 18X1,5-NS35 YE - Distribution block
1046955 PHOENIX-1046955 Datasheet
436Kb / 19P
Distribution block - PTFIX 18X1,5-NS35 BK
Jul 20, 2022
More results


Similar Description - 1046953

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047459 PHOENIX-1047459 Datasheet
130Kb / 9P
Distribution block - PTFIX 4/18X1,5-NS35 YE
09/12/2020
3002773 PHOENIX-3002773 Datasheet
146Kb / 11P
Distribution block - PTFIX 18X1,5 GN
09/12/2020
1046949 PHOENIX-1046949 Datasheet
438Kb / 20P
Distribution block - PTFIX 18X1,5-NS35 GY
Jun 3, 2022
1046950 PHOENIX-1046950 Datasheet
440Kb / 20P
Distribution block - PTFIX 18X1,5-NS35 BU
Jun 7, 2022
1046951 PHOENIX-1046951 Datasheet
439Kb / 20P
Distribution block - PTFIX 18X1,5-NS35 RD
Jun 22, 2022
1047458 PHOENIX-1047458 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 GN
Jun 24, 2022
1046955 PHOENIX-1046955 Datasheet
436Kb / 19P
Distribution block - PTFIX 18X1,5-NS35 BK
Jul 20, 2022
1046956 PHOENIX-1046956 Datasheet
437Kb / 19P
Distribution block - PTFIX 18X1,5-NS35 WH
Jul 29, 2022
1046957 PHOENIX-1046957 Datasheet
437Kb / 19P
Distribution block - PTFIX 18X1,5-NS35 VT
Nov 30, 2022
1046960 PHOENIX-1046960 Datasheet
444Kb / 19P
Distribution block - PTFIX 18X1,5-NS35-FE
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com