Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM4580CG Datasheet (PDF) - New Japan Radio

NJM4580CG Datasheet PDF - New Japan Radio
Part # NJM4580CG
Download  NJM4580CG Download
File Size   372.68 Kbytes
Page   7 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description DUAL OPERATIONAL AMPLIFIER

NJM4580CG Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM4580CG Datasheet PDF - New Japan Radio

Part # NJM4580CG
Download  NJM4580CG Click to download

File Size   372.68 Kbytes
Page   7 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description DUAL OPERATIONAL AMPLIFIER

NJM4580CG Datasheet (HTML) - New Japan Radio


NJM4580CG Product details

■ GENERAL DESCRIPTION
NJM4580C is the dual operational amplifier, specially designed
for improving the tone control, which is suitable for the audio
application.
Featuring noiseless, higher gain bandwidth, high output current
and low distortion ratio, and it is most suitable not only for acoustic
electronic parts of audio pre-amp and active filter, but also for the
industrial measurement tools. It is also suitable for the head phone
amp at higher output current, and further more, it can be applied
for the handy type set operational amplifier of general purpose in
application of low voltage single supply type which is properly
biased of the low voltage source.

■ FEATURES
● Operating Voltage ±2V to ±18V
● Low Input Noise Voltage 5nV/√ Hz typ. at f=1kHz
● Gain Bandwidth Product 15MHz typ.
● Low Distortion 0.0005 typ.
● Slew Rate 5V/μs typ.
● Bipolar Technology
● Package Outline SOP8, SSOP8
● Internal ESD protection
Human body model (HBM) ±2000V typ.




Similar Part No. - NJM4580CG

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM4580CG NISSHINBO-NJM4580CG Datasheet
373Kb / 7P
DUAL OPERATIONAL AMPLIFIER
ver. 04
More results


Similar Description - NJM4580CG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com