Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM8080 Datasheet (PDF) - New Japan Radio

NJM8080 Datasheet PDF - New Japan Radio
Part # NJM8080
Download  NJM8080 Download
File Size   932.21 Kbytes
Page   19 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description DUAL OPERATIONAL AMPLIFIER

NJM8080 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM8080 Datasheet PDF - New Japan Radio

Part # NJM8080
Download  NJM8080 Click to download

File Size   932.21 Kbytes
Page   19 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description DUAL OPERATIONAL AMPLIFIER

NJM8080 Datasheet (HTML) - New Japan Radio


NJM8080 Product details

FEATURES
● Supply Voltage ±4V to ±18V
● Wide Gain Bandwidth Product 10 MHz typ.
● Slew Rate 4V/μs typ.
● Package Outline SOP8
DMP8
MSOP8 (TVSP8)*
*meet JEDEC MO-187-DA / thin type
SSOP8
● Bipolar Technology
● Internal ESD Protection
Human Body Model (HBM) ±2000V typ.
● Wide Temperature Range -40°C to 125°C

DESCRIPTION
The NJM8065 integrated circuit is a high-gain, wide
bandwidth, dual operational amplifier.
The NJM8065 combines many of the features of the
NJM4558 as well as providing the capability of wider
bandwidth (10MHz typ.), and higher slew rate (4V/μs
typ.) make the NJM8065 ideal for active filters, data and
telecommunications, and many instrumentation
applications.




Similar Part No. - NJM8080

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
NJM8080 NJRC-NJM8080 Datasheet
1Mb / 14P
LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Nisshinbo Micro Devices...
NJM8080 NISSHINBO-NJM8080 Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.6.0
logo
New Japan Radio
NJM8080G NJRC-NJM8080G Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM8080G NISSHINBO-NJM8080G Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.6.0
More results


Similar Description - NJM8080

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com