Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5V Datasheet (PDF) - New Japan Radio

A5V Datasheet PDF - New Japan Radio
Part # A5V
Download  A5V Download
File Size   895.0 Kbytes
Page   17 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Single Channel Low power Comparator

A5V Datasheet (PDF)

Go To PDF Page Download Datasheet
A5V Datasheet PDF - New Japan Radio

Part # A5V
Download  A5V Click to download

File Size   895.0 Kbytes
Page   17 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Single Channel Low power Comparator

A5V Datasheet (HTML) - New Japan Radio


A5V Product details

■FEATURES(V+=5V, V-=0V, Ta=25°C)
●Guaranteed Temperature -40℃ to +125℃
●Input Offset Voltage 3mV max.
●Supply Current 0.5mA max.
●Operating Voltage +2V to +36V or ±1V to ±18V
●Integrated EMI filter
●Low-level Output Voltage 80mV typ.(Isink = 4mA)
●Response Time 1.3μs typ.
●Open Collector Output
●GND sencing
●Internal ESD protection Human Body Model ±2000V typ.
●Package
NJM8190 SOT-23-5, SC-88A
NJM8191 SOT-23-5, SC-88A,
DFN6-G1(ESON6-G1)

■GENERAL DESCRIPTION
The NJM8190/NJM8191 are single comparators
designed specifically to operate wide range of supply
voltage and temperature.
These comparators featured low input offset voltage
of 3mV max. low supply current of 0.5mA max. DC
characteristics are also 100% tested and guaranteed
from -40 to 125℃.
The NJM8190/NJM8191 are available in DFN6-G1(1616)
of small size Package, significantly reducing the required
portable application's board area.





Similar Description - A5V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TS391 UTC-TS391_05 Datasheet
200Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_07 Datasheet
126Kb / 8P
Low power single voltage comparator
21-Nov-2007
logo
Unisonic Technologies
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391_11 Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
Low-power single voltage comparator
02-Mar-2012
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
132Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331 UTC-UTL331 Datasheet
146Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
KODENSHI_AUK CORP.
SN391 KODENSHI-SN391 Datasheet
284Kb / 7P
Low Power Single Comparator
logo
ON Semiconductor
TS391 ONSEMI-TS391_V01 Datasheet
135Kb / 6P
Low Power Single Voltage Comparator
October, 2017 - Rev. 5
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
Low power single voltage comparator
Ver.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com