Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7118F3 Datasheet (PDF) - New Japan Radio

NJU7118F3 Datasheet PDF - New Japan Radio
Part # NJU7118F3
Download  NJU7118F3 Download
File Size   64.8 Kbytes
Page   3 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR

NJU7118F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7118F3 Datasheet PDF - New Japan Radio

Part # NJU7118F3
Download  NJU7118F3 Click to download

File Size   64.8 Kbytes
Page   3 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR

NJU7118F3 Datasheet (HTML) - New Japan Radio


NJU7118F3 Product details

GENERAL DESCRIPTION
The NJU7118 is a super small-sized package single
C-MOS comparators with open drain output.
The operating voltage is from 1V to 5.5V, and the interface
can be connected with most of TTL and C-MOS type standard
logic ICs.
Furthermore, The input offset voltage is lower than 4mV
and the package is super small-sized SC88A, therefore they
can be suitable for battery use items and other portable items.

FEATURES
Single Low Power Supply VDD=1.0~5.5V
Low Offset Voltage VIO=4mV max
Low Operating Current IDD=10uA typ
Open Drain Output
Package Outline SC88A
C-MOS Technology




Similar Part No. - NJU7118F3

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
NJU7118F3 NPC-NJU7118F3 Datasheet
75Kb / 3P
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
logo
Nisshinbo Micro Devices...
NJU7118F3 NISSHINBO-NJU7118F3 Datasheet
65Kb / 3P
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
More results


Similar Description - NJU7118F3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7006 NJRC-NJU7006 Datasheet
62Kb / 2P
SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7091A NJRC-NJU7091A Datasheet
286Kb / 9P
LOW-POWER AND LOW-OFFSET-VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7094 NJRC-NJU7094 Datasheet
288Kb / 9P
LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER?
NJU7116 NJRC-NJU7116 Datasheet
76Kb / 3P
SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS COMPARATOR
NJU7109 NJRC-NJU7109 Datasheet
176Kb / 7P
LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
logo
Nippon Precision Circui...
NJU7118 NPC-NJU7118 Datasheet
75Kb / 3P
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
logo
New Japan Radio
NJU7008 NJRC-NJU7008 Datasheet
80Kb / 4P
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7119 NJRC-NJU7119 Datasheet
178Kb / 10P
LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7109F3-TE1 NJRC-NJU7109F3-TE1 Datasheet
149Kb / 8P
LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com