Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU77230F Datasheet (PDF) - New Japan Radio

NJU77230F Datasheet PDF - New Japan Radio
Part # NJU77230F
Download  NJU77230F Download
File Size   1214.52 Kbytes
Page   25 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators

NJU77230F Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU77230F Datasheet PDF - New Japan Radio

Part # NJU77230F
Download  NJU77230F Click to download

File Size   1214.52 Kbytes
Page   25 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators

NJU77230F Datasheet (HTML) - New Japan Radio


NJU77230F Product details

■FEATURES(V+=3V, V-=0V, Ta=25°C)
●Rail-to-Rail Input
●Push Pull Output
●Supply Current 6μA/ch typ.
●Propagation Delay 780ns typ.
●Operating Voltage 1.8 to 5.5V
●Input Offset Voltage 6mV max.
●Operating Temperature -40 to 125℃
●Integrated EMI filter
●Package
NJU77230 SOT-23-5, SC88A
NJU77231 SOT-23-5, SC88A,
DFN6-G1(ESON6-G1)
NJU77232 MSOP8(TVSP8)*
*meet JEDEC MO-187-DA / thin type,
DFN8-U1(ESON8-U1)

■GENERAL DESCRIPTION
The NJU77230/NJU77231/NJU77232 are Rail-to-Rail
Input CMOS comparators featuring Low-power and
Push-Pull output.
These comparators operate from 1.8V to 5.5V and low
supply current of 6μA/ch.typ. This feature is suitable for
battery powered application.
The NJU77231/NJU77232 are available in small size
Package, DFN6-G1(1616), DFN8-U1(2020), significantly
reducing the required portable application's board area.




Similar Part No. - NJU77230F

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU77230F NISSHINBO-NJU77230F Datasheet
1Mb / 25P
Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
NJU77230F3 NISSHINBO-NJU77230F3 Datasheet
1Mb / 25P
Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
More results


Similar Description - NJU77230F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7215 TI-LMC7215_15 Datasheet
1Mb / 19P
Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com